Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet (PDF) - SUNMATE electronic Co., LTD

BC548C Datasheet PDF - SUNMATE electronic Co., LTD
Part # BC548C
Download  BC548C Download
File Size   540.84 Kbytes
Page   4 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description NPN SILICON AMPLIFIER TRANSISTOR

BC548C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC548C Datasheet PDF - SUNMATE electronic Co., LTD

Part # BC548C
Download  BC548C Click to download

File Size   540.84 Kbytes
Page   4 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description NPN SILICON AMPLIFIER TRANSISTOR

BC548C Datasheet (HTML) - SUNMATE electronic Co., LTD


BC548C Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Through Hole Package
• 150°C Junction Temperature
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BC548C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC548C MOTOROLA-BC548C Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC548C ONSEMI-BC548C Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Siemens Semiconductor G...
BC548C SIEMENS-BC548C Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC548C FAIRCHILD-BC548C Datasheet
21Kb / 2P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
BC548C MCC-BC548C Datasheet
1Mb / 4P
NPN Silicon Amplifier Transistor 625mW
More results


Similar Description - BC548C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
MPS6428 ONSEMI-MPS6428 Datasheet
57Kb / 4P
Amplifier Transistor(NPN Silicon)
1996
MPSA20 ONSEMI-MPSA20 Datasheet
106Kb / 7P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 3
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
2N930 BOCA-2N930 Datasheet
144Kb / 4P
AMPLIFIER TRANSISTOR (NPN SILICON)
logo
Motorola, Inc
MPS-U07 MOTOROLA-MPS-U07 Datasheet
145Kb / 2P
NPN SILICON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
NPN SILICON AMPLIFIER TRANSISTOR
logo
New Jersey Semi-Conduct...
MPS6571 NJSEMI-MPS6571 Datasheet
68Kb / 2P
Amplifier Transistor NPN Silicon
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com