Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BC548C
Description  NPN SILICON AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BC548C Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BC548C Datasheet HTML 1Page - SUNMATE electronic Co., LTD BC548C Datasheet HTML 2Page - SUNMATE electronic Co., LTD BC548C Datasheet HTML 3Page - SUNMATE electronic Co., LTD BC548C Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µA, VCE = 5.0 V)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
(IC = 2.0 mA, VCE = 5.0 V)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
(IC = 100 mA, VCE = 5.0 V)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
hFE
—
—
—
110
200
420
—
—
—
90
150
270
180
290
520
120
180
300
—
—
—
220
450
800
—
—
—
—
Collector–Emitter Saturation Voltage
(IC = 100 mA, IB = 5.0 mA)
VCE(sat)
—
---
0.3
V
Base–Emitter Saturation Voltage
(IC = 100 mA, IB = 5.0 mA)
VBE(sat)
—
1.0
—
V
Base–Emitter On Voltage
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 10 mA, VCE = 5.0 V)
VBE(on)
0.55
—
—
—
0.7
0.77
V
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC546
BC547
BC548
fT
150
150
150
300
300
300
—
—
—
MHz
Output Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
—
1.7
4.5
pF
Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
—
10
—
pF
Small–Signal Current Gain
(IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
hfe
125
240
450
220
330
600
260
500
900
—
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2 kW,
BC546
f = 1.0 kHz,
∆f = 200 Hz)
BC547
BC548
NF
—
—
—
2.0
2.0
2.0
10
10
10
dB
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
BC546
(IC = 1.0 mA, IB = 0)
BC547
BC548
V(BR)CEO
65
45
30
—
—
—
—
—
—
V
Collector–Base Breakdown Voltage
BC546
(IC = 100 µAdc)
BC547
BC548
V(BR)CBO
80
50
30
—
—
—
—
—
—
V
Emitter–Base Breakdown Voltage
BC546
(IE = 10 mA, IC = 0)
BC547
BC548
V(BR)EBO
6.0
6.0
6.0
—
—
—
—
—
—
V
2 of 4
www.sunmate.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com