Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # BC548C
Description  NPN SILICON AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BC548C Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  BC548C Datasheet HTML 1Page - SUNMATE electronic Co., LTD BC548C Datasheet HTML 2Page - SUNMATE electronic Co., LTD BC548C Datasheet HTML 3Page - SUNMATE electronic Co., LTD BC548C Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5
1.0
10
20
50
0.2
100
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
2.0
5.0
200
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
0.2
1.0
10
100
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE = 10 V
TA = 25°C
-55°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
BC547/BC548
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4 0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7 1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib
3 of 4
www.sunmate.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com