Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet (PDF) - STMicroelectronics

LD39100 Datasheet PDF - STMicroelectronics
Part # LD39100
Download  LD39100 Download
File Size   1658.29 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A, low quiescent current, low-noise voltage regulator

LD39100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD39100 Datasheet PDF - STMicroelectronics

Part # LD39100
Download  LD39100 Click to download

File Size   1658.29 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A, low quiescent current, low-noise voltage regulator

LD39100 Datasheet (HTML) - STMicroelectronics


LD39100 Product details

Description
The LD39100 provides 1 A maximum current with an input voltage range from 1.5 V to 5.5 V and a typical dropout voltage of 200 mV. The device is stable with ceramic capacitors on the input and output. The ultra low drop voltage, low quiescent current and low-noise features make it suitable for low power battery-powered applications. Power supply rejection is 70 dB at low frequency and starts to roll off at 10 kHz. Enable logic control function puts the LD39100 in shutdown mode, allowing a total current consumption lower than 1 µA. The device also includes short-circuit constant current limiting and thermal protection. LD39100 is available also in AEC-Q100 qualified version, in the DFN6 (3x3 mm) with wettable flank package. DFN6 (3x3 mm)




Similar Part No. - LD39100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39100PU10R STMICROELECTRONICS-LD39100PU10R Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39100PU12R STMICROELECTRONICS-LD39100PU12R Datasheet
863Kb / 23P
1 A, low quiescent current, low noise voltage regulator
11-Oct-2011
LD39100PU15R STMICROELECTRONICS-LD39100PU15R Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39100PU18R STMICROELECTRONICS-LD39100PU18R Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39100PU25R STMICROELECTRONICS-LD39100PU25R Datasheet
863Kb / 23P
1 A, low quiescent current, low noise voltage regulator
11-Oct-2011
More results


Similar Description - LD39100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
LD39100XX STMICROELECTRONICS-LD39100XX Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
1 A, low quiescent current, low noise voltage regulator
11-Oct-2011
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
500 mA low quiescent current and low noise voltage regulator
26-Oct-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com