Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39100
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100 Datasheet(HTML) 1 Page - STMicroelectronics

  LD39100 Datasheet HTML 1Page - STMicroelectronics LD39100 Datasheet HTML 2Page - STMicroelectronics LD39100 Datasheet HTML 3Page - STMicroelectronics LD39100 Datasheet HTML 4Page - STMicroelectronics LD39100 Datasheet HTML 5Page - STMicroelectronics LD39100 Datasheet HTML 6Page - STMicroelectronics LD39100 Datasheet HTML 7Page - STMicroelectronics LD39100 Datasheet HTML 8Page - STMicroelectronics LD39100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
June 2016
DocID15676 Rev 6
1/27
This is information on a product in full production.
www.st.com
LD39100
1 A, low quiescent current, low-noise voltage regulator
Datasheet - production data
Features
Industrial & Automotive grade (AEC-Q100)
Input voltage from 1.5 to 5.5 V
Ultra low-dropout voltage (200 mV typ. at
1 A load)
Very low quiescent current (20 µA typ. at no
load, 200 µA typ. at 1 A load, 1 µA max. in
off mode)
Very low-noise with no bypass capacitor
(30 µ VRMS at VOUT = 0.8 V)
Output voltage tolerance: ± 2.0% @ 25 °C
1 A guaranteed output current
Wide range of output voltages available on
request: 0.8 V to 4.5 V with 100 mV step and
adjustable from 0.8 V
Logic-controlled electronic shutdown
Stable with ceramic capacitors COUT = 1 µF
Internal current and thermal limit
DFN6 (3x3 mm) package
Temperature range: - 40 °C to 125 °C
Applications
Printers
Game consoles
Computer
Consumer applications
Automotive post regulation
Description
The LD39100 provides 1 A maximum current with
an input voltage range from 1.5 V to 5.5 V and a
typical dropout voltage of 200 mV. The device is
stable with ceramic capacitors on the input and
output. The ultra low drop voltage, low quiescent
current and low-noise features make it suitable
for low power battery-powered applications.
Power supply rejection is 70 dB at low frequency
and starts to roll off at 10 kHz. Enable logic
control function puts the LD39100 in shutdown
mode, allowing a total current consumption lower
than 1 µA. The device also includes short-circuit
constant current limiting and thermal protection.
LD39100 is available also in AEC-Q100 qualified
version, in the DFN6 (3x3 mm) with wettable
flank package.
DFN6 (3x3 mm)


Similar Part No. - LD39100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39100PU10R STMICROELECTRONICS-LD39100PU10R Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39100PU12R STMICROELECTRONICS-LD39100PU12R Datasheet
863Kb / 23P
1 A, low quiescent current, low noise voltage regulator
11-Oct-2011
LD39100PU15R STMICROELECTRONICS-LD39100PU15R Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39100PU18R STMICROELECTRONICS-LD39100PU18R Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39100PU25R STMICROELECTRONICS-LD39100PU25R Datasheet
863Kb / 23P
1 A, low quiescent current, low noise voltage regulator
11-Oct-2011
More results

Similar Description - LD39100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
LD39100XX STMICROELECTRONICS-LD39100XX Datasheet
850Kb / 24P
1 A, low quiescent current, low noise voltage regulator
16-Apr-2010
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
1 A, low quiescent current, low noise voltage regulator
11-Oct-2011
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
500 mA low quiescent current and low noise voltage regulator
26-Oct-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com