Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LD39100
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LD39100 Datasheet HTML 13Page - STMicroelectronics LD39100 Datasheet HTML 14Page - STMicroelectronics LD39100 Datasheet HTML 15Page - STMicroelectronics LD39100 Datasheet HTML 16Page - STMicroelectronics LD39100 Datasheet HTML 17Page - STMicroelectronics LD39100 Datasheet HTML 18Page - STMicroelectronics LD39100 Datasheet HTML 19Page - STMicroelectronics LD39100 Datasheet HTML 20Page - STMicroelectronics LD39100 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LD39100
Application information
DocID15676 Rev 6
17/27
Figure 34: Power dissipation vs. ambient temperature
6.2
Enable function
The LD39100 features the enable function. When EN voltage is higher than 0.9 V, the
device is ON, and if it is lower than 0.4 V, the device is OFF. In shutdown mode,
consumption is lower than 1 µA.
EN pin has not an internal pull-up, so it cannot be left floating if it is not used.
6.3
Power Good function
Some applications require a flag showing that the output voltage is in the correct range.
Power Good threshold depends on the adjust voltage. When it is higher than 0.92*VADJ,
Power Good (PG) pin goes to high impedance. If it is below 0.80*VADJ PG pin goes to low
impedance. If the device works well, Power Good pin is at high impedance. If the output
voltage is fixed using an external or internal resistor divider, Power Good threshold is
0.92*VOUT.
If the device is disabled (EN pin low) the PG signal is set to high impedance.This is done
intentionally to avoid pull down current by the PG pin in disabled mode.
Power Good function requires an external pull-up resistor, which has to be connected
between PG pin and VIN or VOUT. PG pin typical current capability is up to 6 mA. A pull-up
resistor for PG should be in the range from 100 kΩ to 1 MΩ. If Power Good function is not
used, PG pin has to remain floating.
0
0.5
1
1.5
2
2.5
3
3.5
-50
-30
-10
10
30
50
70
90
110
130
T
A [°C]
0
0.5
1
1.5
2
2.5
3
3.5
-50
-30
-10
10
30
50
70
90
110
130
T
A [°C]
GIPD040920151415MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com