Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD39100
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD39100 Datasheet HTML 2Page - STMicroelectronics LD39100 Datasheet HTML 3Page - STMicroelectronics LD39100 Datasheet HTML 4Page - STMicroelectronics LD39100 Datasheet HTML 5Page - STMicroelectronics LD39100 Datasheet HTML 6Page - STMicroelectronics LD39100 Datasheet HTML 7Page - STMicroelectronics LD39100 Datasheet HTML 8Page - STMicroelectronics LD39100 Datasheet HTML 9Page - STMicroelectronics LD39100 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical characteristics
LD39100
6/27
DocID15676 Rev 6
4
Electrical characteristics
TJ = 25 °C, VIN = 1.8 V, CIN = COUT = 1 µF, IOUT = 100 mA, VEN = VIN, unless otherwise
specified.
Table 5: LD39100 electrical characteristics (adjustable version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
1.5
5.5
V
VADJ
VADJ accuracy
IOUT = 10 mA
TJ = 25 °C
784
800
816
mV
IOUT = 10 mA
-40 °C < TJ < 125 °C
776
800
824
IADJ
Adjust pin current
1
µA
∆VOUT
Static line regulation
VOUT
+ 1 V ≤ VIN ≤ 5.5 V
IOUT = 100 mA
0.01
%/V
∆VOUT
Transient line
regulation (1)
∆VIN = 500 mV
IOUT = 100 mA
tR = 5 µs
10
mVpp
∆VIN = 500 mV
IOUT = 100 mA
tF = 5 µs
10
∆VOUT
Static load regulation
IOUT = 10 mA to 1 A
0.002
%/mA
∆VOUT
Transient load
regulation (1)
IOUT = 10 mA to 1 A
tR = 5 µs
40
mVpp
IOUT = 1 A to 10 mA
tF = 5 µs
40
VDROP
Dropout voltage (2)
IOUT = 1 A VO fixed to 1.5 V
-40 °C < TJ < 125 °C
200
400
mV
eN
Output noise voltage
10 Hz to 100 kHz
IOUT = 100 mA
VOUT = 0.8 V
30
µVRMS
SVR
Supply voltage
rejection VO = 0.8 V
VIN = 1.8 V+/-VRIPPLE
VRIPPLE = 0.25 V
frequency = 1 kHz
IOUT = 10 mA
70
dB
VIN = 1.8 V+/-VRIPPLE
VRIPPLE = 0.25 V
frequency = 10 kHz
IOUT = 100 mA
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com