Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD39100
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD39100 Datasheet HTML 7Page - STMicroelectronics LD39100 Datasheet HTML 8Page - STMicroelectronics LD39100 Datasheet HTML 9Page - STMicroelectronics LD39100 Datasheet HTML 10Page - STMicroelectronics LD39100 Datasheet HTML 11Page - STMicroelectronics LD39100 Datasheet HTML 12Page - STMicroelectronics LD39100 Datasheet HTML 13Page - STMicroelectronics LD39100 Datasheet HTML 14Page - STMicroelectronics LD39100 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LD39100
Typical performance characteristics
DocID15676 Rev 6
11/27
Figure 10: Output voltage vs. input voltage
(VOUT = 0.8 V)
Figure 11: Output voltage vs. input voltage
(VOUT = 2.5 V)
Figure 12: Quiescent current vs. temperature
Figure 13: VIN input current in off mode vs.
temperature
Figure 14: Load regulation
Figure 15: Line regulation VOUT = 0.8 V
GIPD020920151106MT
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN [V]
125°C
85°C
55°C
25°C
0°C
-25°C
-40°C
V
IN from 0 to 5.5 V, VEN to VIN, VOUT = 0.8 V, IOUT = 1 A
125°C
85°C
55°C
25°C
0°C
-25°C
-40°C
V
IN from 0 to 5.5 V, VEN to VIN, VOUT = 0.8 V, IOUT = 1 A
GIPD020920151107MT
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN [V]
125°C
85°C
55°C
25°C
0°C
-25°C
-40°C
V
IN from 0 to 5 V, VEN to VIN, VOUT = 2.5 V, IOUT = 1A
V
IN [V]
125°C
85°C
55°C
25°C
0°C
-25°C
-40°C
V
IN from 0 to 5 V, VEN to VIN, VOUT = 2.5 V, IOUT = 1A
GIPD020920151108MT
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
150
T [°C]
No Load
I
OUT = 1 A
V
IN = 1.8 V, VEN to VIN, VOUT = 2.5 V
No Load
I
OUT = 1 A
V
IN = 1.8 V, VEN to VIN, VOUT = 2.5 V
GIPD020920151109MT
0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
-5 0
-2 5
0
2 5
5 0
7 5
10 0
1 2 5
15 0
T [°C ]
V
IN = 3 . 5 V , V E N to G ND , V O U T = 2 .5 V
V
IN = 3 . 5 V , V E N to G ND , V O U T = 2 .5 V
GIPD020920151110MT
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.5 V, IOUT = from 10 mA to 1 A, VEN=VIN, VOUT = 2.5 V
V
IN = 3.5 V, IOUT = from 10 mA to 1 A, VEN=VIN, VOUT = 2.5 V
GIPD020920151111MT
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = fro m 1 .8 V to 5 .5 V , IOUT = 1 00 m A , V EN = V IN, V OUT = 0 .8 V
V
IN = fro m 1 .8 V to 5 .5 V , IOUT = 1 00 m A , V EN = V IN, V OUT = 0 .8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com