Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LD39100
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LD39100 Datasheet HTML 19Page - STMicroelectronics LD39100 Datasheet HTML 20Page - STMicroelectronics LD39100 Datasheet HTML 21Page - STMicroelectronics LD39100 Datasheet HTML 22Page - STMicroelectronics LD39100 Datasheet HTML 23Page - STMicroelectronics LD39100 Datasheet HTML 24Page - STMicroelectronics LD39100 Datasheet HTML 25Page - STMicroelectronics LD39100 Datasheet HTML 26Page - STMicroelectronics LD39100 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Revision history
LD39100
26/27
DocID15676 Rev 6
9
Revision history
Table 11: Document revision history
Date
Revision
Changes
29-Jul-2009
1
Initial release.
16-Apr-2010
2
Modified Figure 8 on page 9.
11-Oct-2011
3
Document status promoted from preliminary data to datasheet.
24-Apr-2014
4
Part numbers LD39100xx, LD39100xx12 and LD39100xx25 changed
to LD39100. Updated Table 1: Device summary. Updated the
description in cover page Section 1: Circuit schematics, Section 2: Pin
configuration, Section 4: Electrical characteristics, Section 5: Typical
performance characteristics, Figure 32: Typical application circuit for
fixed output version, Section 7: Package mechanical data. Deleted
previous Section 8: Different output voltage versions of the
LD39100xx available on request. Added Section 8: Packaging
mechanical data. Minor text changes.
01-Sep-2015
5
Updated Figure 32: Typical application circuit for fixed output version.
Minor text changes.
20-Jun-2016
6
Updated features in cover page.
Removed Table 1: Device summary.
Updated Section 6.2: "Enable function".
Added Section 8: "Ordering information" and Section 7.1: "DFN6 (3x3
mm) package information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com