Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD39100
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD39100 Datasheet HTML 19Page - STMicroelectronics LD39100 Datasheet HTML 20Page - STMicroelectronics LD39100 Datasheet HTML 21Page - STMicroelectronics LD39100 Datasheet HTML 22Page - STMicroelectronics LD39100 Datasheet HTML 23Page - STMicroelectronics LD39100 Datasheet HTML 24Page - STMicroelectronics LD39100 Datasheet HTML 25Page - STMicroelectronics LD39100 Datasheet HTML 26Page - STMicroelectronics LD39100 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
LD39100
Ordering information
DocID15676 Rev 6
25/27
8
Ordering information
Table 10: Order code
Order code
Output voltage
Industrial grade
Automotive grade (1)
LD39100PUR
LD39100PURY
Adj. from 0.8 V
LD39100PU12R
LD39100PU12RY
1.2 V
LD39100PU18R
LD39100PU18RY
1.8 V
LD39100PU25R
LD39100PU25RY
2.5 V
LD39100PU30R
3.0 V
LD39100PU33R
LD39100PU33RY
3.3 V
Notes:
(1)According to AEC-Q 100 level 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com