Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39100 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LD39100
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LD39100 Datasheet HTML 12Page - STMicroelectronics LD39100 Datasheet HTML 13Page - STMicroelectronics LD39100 Datasheet HTML 14Page - STMicroelectronics LD39100 Datasheet HTML 15Page - STMicroelectronics LD39100 Datasheet HTML 16Page - STMicroelectronics LD39100 Datasheet HTML 17Page - STMicroelectronics LD39100 Datasheet HTML 18Page - STMicroelectronics LD39100 Datasheet HTML 19Page - STMicroelectronics LD39100 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application information
LD39100
16/27
DocID15676 Rev 6
Regarding the adjustable version, the output voltage can be adjusted from 0.8 V up to the
input voltage, minus the voltage drop across the pass element (dropout voltage), by
connecting a resistor divider between ADJ pin and the output, thus allowing remote voltage
sensing.
The resistor divider should be selected as follows:
Equation 1
Resistors should be used with values in the range from 10 kΩ to 50 kΩ. Lower values can
also be suitable, but they increase current consumption.
6.1
Power dissipation
An internal thermal feedback loop disables the output voltage if the die temperature rises to
approximately 160 °C. This feature protects the device from excessive temperature and
allows the user to push the limits of the power handling capability of a given circuit board
without the risk of damaging the device.
A good PC board layout should be used to maximize power dissipation. The thermal path
for the heat generated by the device is from the die to the copper lead frame, through the
package leads and exposed pad, to the PC board copper. The PC board copper acts as a
heatsink. The footprint copper pads should be as wide as possible to spread and dissipate
the heat to the surrounding ambient. Feed-through vias to the inner or backside copper
layers are also useful to improve the overall thermal performance of the device.
The device power dissipation depends on the input voltage, output voltage and output
current, and is given by:
Equation 2
Junction temperature of the device is:
Equation 3
where:
TJ_MAX is the maximum junction of the die,125 °C
TA is the ambient temperature
RthJA is the thermal resistance junction-to-ambient
VOUT = VADJ (1 + R1 / R2) with VADJ = 0.8 V (typ.)
PD = (VIN -VOUT) IOUT
TJ_MAX = TA + RthJA x PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com