Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8313-RI Datasheet (PDF) - PMC-Sierra, Inc

PM8313-RI Datasheet PDF - PMC-Sierra, Inc
Part # PM8313-RI
Download  PM8313-RI Download
File Size   582.21 Kbytes
Page   192 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description M13 MULTIPLEXER

PM8313-RI Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8313-RI Datasheet PDF - PMC-Sierra, Inc

Part # PM8313-RI
Download  PM8313-RI Click to download

File Size   582.21 Kbytes
Page   192 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description M13 MULTIPLEXER

PM8313-RI Datasheet (HTML) - PMC-Sierra, Inc


PM8313-RI Product details

FEATURES

• Integrates a full featured M13 multiplexer and DS-3 framer in a single monolithic device.

• Supports the M23 or C-bit parity DS3 formats.

• Supports the M12 or G.747 formats allowing DS1 or E1 signals to be multiplexed into a DS3 signal.

• • Allows the M12 stages to be bypassed allowing direct input of DS2 signals into the M23 multiplexer stage.

• Provides a generic microprocessor interface for configuration, control, and status monitoring.

• Low power CMOS technology.

• Packaged in a 208 pin Plastic Quad Flat Pack (PQFP) package.



Each DS3 framer/performance monitor section:

• Frames to a DS3 signal with a maximum average reframe time of less than 1.5 ms (as required by TR-TSY-000009 Section 4.1.2 and TR-TSY-000191 Section 5.2).

• Decodes a B3ZS-encoded signal and indicates line code violations. The definition of line code violation is software selectable.

• Detects and accumulates occurrences of excessive zeros and loss of signal.

• Provides indication of M-frame and M-subframe boundaries, and overhead bit positions in the DS3 stream.

• Detects the DS3 alarm indication signal (AIS) and idle signal. Detection algorithms operate correctly in the presence of a 10-3 bit error rate.

• Extracts valid X-bits and indicates far end receive failure. Accumulates up to 65,535 line code violation (LCV) events per second, 16,383 P-bit parity error events per second, 1023 F-bit or M-bit (framing bit) events per second, 65,535 excessive zero (EXZ) events per second, and when enabled for C-bit parity mode operation, up to 16,383 C-bit parity error events per second, and 16,383 far end block error (FEBE) events per second.

• Detects and validates bit-oriented codes in the C-bit parity far end alarm and control channel.

• Terminates the C-bit parity path maintenance data link with an integral HDLC receiver having a 4-byte deep FIFO buffer. Supports polled, interrupt-driven or DMA access.

• Optionally extracts the C-bit parity mode path maintenance data link signal and serializes it at 28.2 kbit/s.

• Extracts the X, P, M, F, C and stuff opportunity bits and serializes them at 526 kbit/s on a time division multiplex signal.



Each DS3 transmit framer section:

• Provides the overhead bit insertion for a DS3 stream.

• Provides a bit serial clock and data interface, and allows the M-frame boundary and/or the overhead bit positions to be located via an external interface

• Provides optional insertion of the X, P, M, F, C, and stuff opportunity bits via a 526 kbit/s serial interface.

• Provides B3ZS encoding.

• Inserts far end receive failure (FERF), the DS3 alarm indication signal (AIS) and the idle signal when enabled by external inputs, or internal register bits.

• Provides diagnostic features to allow the generation of line code violation error events, parity error events, framing bit error events, and when enabled for the C-bit parity application, C-bit parity error events, and far end block error events.

• Inserts bit-oriented codes in the C-bit parity far end alarm and control channel.

• Optionally inserts the C-bit parity path maintenance data link with an integral HDLC transmitter. Supports polled, interrupt-driven, or DMA access.

• Optionally inserts the C-bit parity mode path maintenance data link signal from a 28.2 kbit/s serial input.



APPLICATIONS

• M23 Based M13 Multiplexer

• C-Bit Parity Based M13 Multiplexer

• M23 Multiplexer

• M13 Multiplexer Supporting G.747 Tributary Format



 




Similar Part No. - PM8313-RI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8313-RI PMC-PM8313-RI Datasheet
594Kb / 2P
M13 MULTIPLEXER
More results


Similar Description - PM8313-RI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4328 PMC-PM4328 Datasheet
50Kb / 4P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PM5365 PMC-PM5365 Datasheet
1Mb / 2P
VT/TU MAPPER AND M13 MULTIPLEXER
PM5365 PMC-PM5365 Datasheet
57Kb / 2P
High Density VT/TU Mapper and M13 Multiplexer
PM5366 PMC-PM5366 Datasheet
2Mb / 267P
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PM8313 PMC-PM8313 Datasheet
59Kb / 2P
M13 Multiplexer/Demultiplexer
PM8313 PMC-PM8313 Datasheet
594Kb / 2P
M13 MULTIPLEXER
logo
Infineon Technologies A...
TE3-MUX INFINEON-TE3-MUX Datasheet
2Mb / 211P
TE3-MUX M13 Multiplexer and DS3 Framer
June 2001 V2.1
logo
Exar Corporation
XRT72L13 EXAR-XRT72L13 Datasheet
4Mb / 370P
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
logo
PMC-Sierra, Inc
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
High Density T1/E1 Framer with Integrated M13 Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com