Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4101 Datasheet (PDF) - Toshiba Semiconductor

MP4101 Datasheet PDF - Toshiba Semiconductor
Part # MP4101
Download  MP4101 Download
File Size   238.64 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE

MP4101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4101 Datasheet PDF - Toshiba Semiconductor

Part # MP4101
Download  MP4101 Click to download

File Size   238.64 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE

MP4101 Datasheet (HTML) - Toshiba Semiconductor


MP4101 Product details

High Power Switching Applications
Hammer Drive, Pulse Motor Drive
Inductive Load Switching

• Small package by full molding (SIP 10 pins)
• High collector power dissipation (4-device operation)
   : PT = 4 W (Ta = 25°C)
• High collector current: IC (DC) = 4 A (max)
• High DC current gain: hFE = 2000 (min) (VCE = 2 V, IC = 1 A)
• Zener diode included between collector and base.




Similar Part No. - MP4101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4101 TOSHIBA-MP4101 Datasheet
148Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
MP4101 TOSHIBA-MP4101_07 Datasheet
148Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
More results


Similar Description - MP4101

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD879 HSMC-HSD879 Datasheet
30Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
MP4502 TOSHIBA-MP4502 Datasheet
263Kb / 5P
TOSHIBA POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE
MP4514 TOSHIBA-MP4514 Datasheet
139Kb / 5P
Power Transistor Module Silicon NPN Epitaxial Type
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
MP4025 TOSHIBA-MP4025 Datasheet
60Kb / 2P
Power Transistor Module Silicon NPN Epitaxial Type (darlington power transistor 4 in 1)
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
Silicon NPN Epitaxial Type (Darlington power transistor)
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SC6139 TOSHIBA-2SC6139 Datasheet
191Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com