Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACX310 Datasheet (PDF) - List of Unclassifed Manufacturers

ACX310 Datasheet PDF - List of Unclassifed Manufacturers
Part # ACX310
Download  ACX310 Download
File Size   32.79 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel

ACX310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACX310 Datasheet PDF - List of Unclassifed Manufacturers

Part # ACX310
Download  ACX310 Click to download

File Size   32.79 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel

ACX310 Datasheet (HTML) - List of Unclassifed Manufacturers


ACX310 Product details

High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel

The 3.5-type color LCD panel is widely used as the monitor in digital video cameras.
Sony has already released the 200K-dot ACX302BK as a high-resolution low-temperature polycrystalline silicon TFT LCD. Now, to expand its lineup of LCD panels, Sony is releasing the 123K-dot ACX310AK, which provides the same functions as the ACX302BK.

■ 8.8 cm (3.5-type) 123K-dot LCD panel
■ High transmittance (9.5%) achieved by low-temperature polycrystalline silicon TFT technology
■ Low power consumption: 50 mW (when a 12 V power supply is used)
■ Analog full-color display
■ Wide aspect ratio display function
■ Up/down and/or right/left inversion functions




Similar Part No. - ACX310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX312 ETC-ACX312 Datasheet
51Kb / 2P
Miniature High-Precision 4.6 cm (1.8-type) 118K-Dot Digital Still Camera Color LCD Features a Viewing Area Ratio of 100%
logo
Sony Corporation
ACX318 SONY-ACX318 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
ACX319 SONY-ACX319 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
More results


Similar Description - ACX310

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
ACX307AK SONY-ACX307AK Datasheet
31Kb / 2P
High Transmittance 6.25 cm (2.5-type) Transmissive Color LCD Panels
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
3.5 DIGIT LCD GLASS PANEL
logo
Bolymin, Inc
BT035ABNNHH BOLYMIN-BT035ABNNHH Datasheet
165Kb / 1P
3.5 Color TFT-LCD module
logo
Advantech Co., Ltd.
UBIQ-230 ADVANTECH-UBIQ-230 Datasheet
146Kb / 2P
One-Touch Scenario Control Panel with 3.5" Color LCD
UBIQ-230T ADVANTECH-UBIQ-230T Datasheet
231Kb / 2P
One-Touch Scenario Control Panel with 3.5 Color LCD
logo
Kyocera Kinseki Corpota...
TVL-55730GD035JU-LW-G-ABN KSS-TVL-55730GD035JU-LW-G-ABN Datasheet
1Mb / 33P
Transmissive and Normally white type 3.5??a-Si color TFT LCD Module
TVL-55737GD030J-LW-G-AAN KSS-TVL-55737GD030J-LW-G-AAN Datasheet
1Mb / 31P
Transmissive Type Positive mode 3.0??TFT LCD 262K color
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
3.5 inch QVGA transmissive color TFT with LED backlight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com