Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACX310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACX310
Description  High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACX310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACX310 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACX310 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Transmittance/Low-Power Transmissive Color
8.8 cm (3.5-type) 123K-Dot LCD Panel
ACX310AK
The 3.5-type color LCD panel is widely used as the monitor in
digital video cameras.
Sony has already released the 200K-dot ACX302BK as a high-
resolution low-temperature polycrystalline silicon TFT LCD.
Now, to expand its lineup of LCD panels, Sony is releasing
the 123K-dot ACX310AK, which provides the same functions
as the ACX302BK.
s
8.8 cm (3.5-type) 123K-dot LCD panel
s
High transmittance (9.5%) achieved by low-
temperature polycrystalline silicon TFT
technology
s
Low power consumption: 50 mW (when a
12 V power supply is used)
s
Analog full-color display
s
Wide aspect ratio display function
s
Up/down and/or right/left inversion func-
tions
VOICE
With the release of the ACX310AK
announced here in addition to
the ACX302BK, Sony has ex-
panded its lineup of 3.5-type
color LCD panels. Furthermore
Sony has already released 2.5-
type color LCD panels. I strongly
recommend that you try these
Sony low-temperature polycrys-
talline silicon TFT LCD panels. I
am confident that these panels
can provide product differentia-
tion in your DVC products.
Supports Flexible End-
Product Design
With the release of the ACX310AK 3.5-
type color LCD panel for digital video
cameras in addition to the 200K-dot
ACX302BK high-resolution panel,
Sony now provides a lineup of two
models in this type of product. This
means that in the future, the user prod-
uct line can be expanded using only
low-temperature polycrystalline silicon
TFT LCDs, thus increasing flexibility
in end-product design.
Additionally, the external panel dimen-
sions were designed to match those of
existing amorphous silicon TFT LCDs,
thus flexibly supporting needs for
changing the panel type.
High Transmittance
Achieved
As a result of optimized pixel design
using Sony’s low-temperature polycrys-
talline silicon TFT technology, this de-
vice achieves the high aperture ratio of
80%. Furthermore, by adopting a new
pixel structure, Sony was able to radi-
cally increase the optical transmittance
over that provided by conventional
amorphous silicon TFT LCD panels,
achieving a value of 9.5% in the
ACX310AK. (See table 1.)
Even Lower Power and
Improved Ease of Use
By using unique Sony-developed circuit
technology, Sony was able to achieve
the lowest power for this class of panel
in the ACX310AK. (See table 1.) Fur-
thermore, by incorporating voltage step-
up and negative voltage generation
circuits in addition to the functions that
have been provided in earlier products,
the up/down and/or right/left inversion
functions and the wide aspect ratio
display functions, Sony was able to
obviate the need for certain of the
power-supply voltages previously
provided externally to the panel. This
improves the ease of use of this panel.
(See figure 1.) Sony is now developing
a new system-on-chip IC (the
CXA3549R) that will integrate both
timing generator and control functions
on a single chip. This new single-chip
IC will make drive circuit design
significantly easier. (See figure 2.)


Similar Part No. - ACX310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX312 ETC-ACX312 Datasheet
51Kb / 2P
Miniature High-Precision 4.6 cm (1.8-type) 118K-Dot Digital Still Camera Color LCD Features a Viewing Area Ratio of 100%
logo
Sony Corporation
ACX318 SONY-ACX318 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
ACX319 SONY-ACX319 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
More results

Similar Description - ACX310

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
ACX307AK SONY-ACX307AK Datasheet
31Kb / 2P
High Transmittance 6.25 cm (2.5-type) Transmissive Color LCD Panels
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
3.5 DIGIT LCD GLASS PANEL
logo
Bolymin, Inc
BT035ABNNHH BOLYMIN-BT035ABNNHH Datasheet
165Kb / 1P
3.5 Color TFT-LCD module
logo
Advantech Co., Ltd.
UBIQ-230 ADVANTECH-UBIQ-230 Datasheet
146Kb / 2P
One-Touch Scenario Control Panel with 3.5" Color LCD
UBIQ-230T ADVANTECH-UBIQ-230T Datasheet
231Kb / 2P
One-Touch Scenario Control Panel with 3.5 Color LCD
logo
Kyocera Kinseki Corpota...
TVL-55730GD035JU-LW-G-ABN KSS-TVL-55730GD035JU-LW-G-ABN Datasheet
1Mb / 33P
Transmissive and Normally white type 3.5??a-Si color TFT LCD Module
TVL-55737GD030J-LW-G-AAN KSS-TVL-55737GD030J-LW-G-AAN Datasheet
1Mb / 31P
Transmissive Type Positive mode 3.0??TFT LCD 262K color
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
3.5 inch QVGA transmissive color TFT with LED backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com