Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACX310 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACX310
Description  High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACX310 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACX310 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACX310 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage step-up
generation circuit
Negative voltage
generation circuit
Level
shifter
COM
pad
COM
LC
Cs
Horizontal level sifter and shift register
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Screen size
Item
Number of active dots
Screen aspect ratio
Pixel arrangement
Dot pitch
Optical transmittance
Contrast ratio
Supply voltage
Display method
Panel dimensions (W
× H × t (mm))
Power consumption
(H
× V)
(%)
(
µm)
(V)
(mW)
Number of colors
ACX302BK
8.8 cm (3.5 type)
200K dots (880
× 228)
4 : 3
RGB delta
80 (H)
× 231 (V)
8.8
200 : 1
12
NTSC/PAL
78.8
× 63.3 × 2.2
60
Analog full color
ACX310AK
8.8 cm (3.5 type)
123K dots (560
× 220)
4.3 : 3
RGB delta
129 (H)
× 229 (V)
9.5
200 : 1
12
NTSC/PAL
85.0
× 63.3 × 2.2
50
Analog full color
New single-
chip IC
(CXA3549R)
LCD panel
ACX310AK
WIDE
REF
RGT
EN
DWN
VCK
VST
HCK2
HCK1
HST
COM
BLUE
GREEN
1
µF
1
µF
VDDG
VSSG
VSS
VDD
SLVSG
Rext
Cext
Cext/Rext
Zener
diode
RD4.3UM
Zener
diode
RD2.7UM
Y/color
difference
RED
PSIG
+12.0 V
+12.0 V
+3.0 V
R/G/B
Buffer
s Figure 1 Panel Block Diagram
s Figure 2 System Block Diagram
s Table 1 3.5-type Transmissive LCD Panel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com