Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS11025.0 Datasheet (PDF) - CIT Relay & Switch

CS11025.0 Datasheet PDF - CIT Relay & Switch
Part # CS11025.0
Download  CS11025.0 Download
File Size   191.33 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

CS11025.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS11025.0 Datasheet PDF - CIT Relay & Switch

Part # CS11025.0
Download  CS11025.0 Click to download

File Size   191.33 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

CS11025.0 Datasheet (HTML) - CIT Relay & Switch


CS11025.0 Product details

SPECIFICATIONS
    Electrical Ratings 50mA @ 48VDC
    Electrical Life 100,000 cycles typical
    Contact Resistance < 50 mΩ initial
    Actuation Force 100 +/- 50gF
                               160 +/- 30gF
                               260 +/- 50gF
    Actuator Travel .25 +/- .1mm
    Dielectric Strength 1000Vrms min
    Insulation Resistance > 1000MΩ min
    Operating Temperature -40°C to 85°C
    Storage Temperature -40°C to 85°C




Similar Part No. - CS11025.0

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS110 CAMPBELL-CS110 Datasheet
641Kb / 2P
Electric Field Meter Sensor
12/12/2019
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
Powerline Networking Chipset
logo
Coilcraft lnc.
CS1100L COILCRAFT-CS1100L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
CS1100L COILCRAFT-CS1100L Datasheet
297Kb / 1P
D1869L_15
logo
List of Unclassifed Man...
CS1101 ETC-CS1101 Datasheet
129Kb / 1P
CIT SWITCH
More results


Similar Description - CS11025.0

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com