Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL114 Datasheet (PDF) - Micronas

HAL114 Datasheet PDF - Micronas
Part # HAL114
Download  HAL114 Download
File Size   127.29 Kbytes
Page   9 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Unipolar Hall Switch IC

HAL114 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL114 Datasheet PDF - Micronas

Part # HAL114
Download  HAL114 Click to download

File Size   127.29 Kbytes
Page   9 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Unipolar Hall Switch IC

HAL114 Datasheet (HTML) - Micronas


HAL114 Product details

The HAL11x family consists of different Hall switches produced in CMOS technology.

All sensors include a temperature-compensated Hall plate, a comparator, and an open-drain output transistor. The comparator compares the actual magnetic flux through the Hall plate (Hall voltage) with the fixed reference values (switching points). Accordingly, the output transistor is switched on or off. The sensors of this family differ in the switching behavior. The sensors are designed for industrial and automotive applications and operate with supply voltages from 4.5 V to 24 V in the ambient temperature range from –40 °C up to 125 °C.

All sensors are available in an SMD-package (SOT-89B) and in a leaded version (TO-92UA).



Features

– operates from 4.5 V to 24 V supply voltage

– overvoltage protection

– reverse-voltage protection at VDD-pin

– short-circuit protected open-drain output by thermal shut down

– operates with static magnetic fields and dynamic magnetic fields up to 20 kHz

– stable switching points over a wide supply voltage range

– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of the magnetic characteristics




Similar Part No. - HAL114

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL114SF-C MICRONAS-HAL114SF-C Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL114SF-E MICRONAS-HAL114SF-E Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL114SF-K MICRONAS-HAL114SF-K Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL114UA-C MICRONAS-HAL114UA-C Datasheet
147Kb / 17P
Hall Effect Sensor Family
More results


Similar Description - HAL114

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL Datasheet
147Kb / 5P
Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134 Datasheet
102Kb / 4P
Unipolar Hall Effect Switch IC
logo
Nanjing Ouzhuo Technolo...
OH44E OHHALLSENSOR-OH44E Datasheet
153Kb / 2P
Unipolar Hall Effect Switch IC
OH137 OHHALLSENSOR-OH137 Datasheet
148Kb / 2P
Unipolar Hall Effect Switch IC
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL_13 Datasheet
146Kb / 4P
Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_13 Datasheet
143Kb / 4P
Unipolar Hall Effect Switch IC
WSH1132 WINSON-WSH1132 Datasheet
145Kb / 4P
Unipolar Hall Effect Switch IC
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_17 Datasheet
178Kb / 4P
Unipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130NL DIWELL-WSH130NL Datasheet
174Kb / 4P
Unipolar Hall Effect Switch IC
2017/4/7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com