Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL114 Datasheet(PDF) 2 Page - Micronas

Part # HAL114
Description  Unipolar Hall Switch IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114 Datasheet(HTML) 2 Page - Micronas

  HAL114 Datasheet HTML 1Page - Micronas HAL114 Datasheet HTML 2Page - Micronas HAL114 Datasheet HTML 3Page - Micronas HAL114 Datasheet HTML 4Page - Micronas HAL114 Datasheet HTML 5Page - Micronas HAL114 Datasheet HTML 6Page - Micronas HAL114 Datasheet HTML 7Page - Micronas HAL114 Datasheet HTML 8Page - Micronas HAL114 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HAL114
MICRONAS INTERMETALL
2
Unipolar Hall Switch IC
in CMOS technology
Introduction
The HAL114 is a Hall switch produced in CMOS technol-
ogy. The sensor includes a temperature-compensated
Hall plate, a Schmitt trigger, and an open-drain output
transistor (see Fig. 2).
The HAL114 has a unipolar behavior: The output turns
low with a magnetic south pole on the branded side of
the package (see figures 3 and 4). The output turns high
if the magnetic field is removed. The output signal re-
mains high if the magnetic north pole approaches the
branded side of the package.
The sensor is designed for industrial and automotive ap-
plications and operates with supply voltages from 4.5 V
to 24 V in the ambient temperature range from –40
°C up
to 150
°C.
The HAL114 is available in a SMD-package (SOT-89A)
and in a leaded version (TO-92UA).
Features:
– operates from 4.5 V to 24 V supply voltage
– overvoltage protection
– reverse-voltage protection at VDD-pin
– short-circuit protected open-drain output by thermal
shutdown
– operates with magnetic fields from DC to 20 kHz
– stable magnetic switching points over a wide supply
voltage range
– the decrease of magnetic flux density caused by rising
temperature in the sensor system is compensated by
a built-in negative temperature coefficient of the mag-
netic switching points
– ideal sensor for contactless switches and speed mea-
surement in hostile automotive and industrial environ-
ments
Specifications
– switching type: unipolar
– output turns low with magnetic south pole on branded
side of package
– output turns high if magnetic field is removed
Marking Code
Type
Temperature Range
A
E
C
HAL 114SO,
HAL 114UA
114A
114E
114C
Operating Junction Temperature Range (TJ)
A: TJ = –40 °C to +170 °C
E: TJ = –40 °C to +100 °C
C: TJ = 0 °C to +100 °C
The relationship between ambient temperature (TA) and
junction temperature (TJ) is explained on page 8.
Hall Sensor Package Codes
Type: 114
HAL XXXPA-T
Temperature Range: A, E, or C
Package: SO for SOT-89A,
UA for TO-92UA
→ Type: 114
→ Package: TO-92UA
→ Temperature Range: TJ = –40 °C to +100 °C
Example: HAL 114UA-E
Hall sensors are available in a wide variety of packaging
versions and quantities. For more detailed information,
please refer to the brochure: “Ordering Codes for Hall
Sensors”.
Solderability
– Package SOT-89A: according to IEC68-2-58
– Package TO-92UA: according to IEC68-2-20
OUT
GND
3
2
1
VDD
Fig. 1: Pin configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com