Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL114 Datasheet(PDF) 3 Page - Micronas

Part # HAL114
Description  Unipolar Hall Switch IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114 Datasheet(HTML) 3 Page - Micronas

  HAL114 Datasheet HTML 1Page - Micronas HAL114 Datasheet HTML 2Page - Micronas HAL114 Datasheet HTML 3Page - Micronas HAL114 Datasheet HTML 4Page - Micronas HAL114 Datasheet HTML 5Page - Micronas HAL114 Datasheet HTML 6Page - Micronas HAL114 Datasheet HTML 7Page - Micronas HAL114 Datasheet HTML 8Page - Micronas HAL114 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HAL114
MICRONAS INTERMETALL
3
Functional Description
The HAL114 is a CMOS integrated circuit with a switch-
ing output in response to magnetic fields. It processes
the “Hall Voltage” internally: The Hall Voltage is propor-
tional to the magnetic flux component Bz orthogonal to
an integrated Hall Plate, in case an electric current is im-
posed to the plate. The HAL114 compares the Hall Volt-
age with a predefined threshold and generates the out-
put signal dependent of the direction of the magnetic
field. A special circuit compensates for the temperature
dependent effects of the IC, as well as the external mag-
net. A built-in hysteresis eliminates possible oscillations
of the output signal adjacent to its switching point so that
“output bouncing” is avoided. The output is short-circuit
protected by limiting high currents and by sensing ex-
cess temperature. Shunt protection devices clamp
voltage peaks at the Output-Pin and VDD-Pin together
with external series resistors. Reverse current is limited
at the VDD-Pin by an internal series resistor up to –15 V.
No external reverse protection diode is needed at the
VDD-Pin for values ranging from 0 V to –15 V.
Temperature
Dependent
Bias
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Hall Plate
GND
2
Fig. 2: HAL 114 block diagram
HAL 114
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
Dimensions of Sensitive Area
0.4 mm x 0.2 mm
Positions of Sensitive Area
SOT-89A
TO-92UA
x = 0
± 0.2
x = 0
± 0.2
y = 0.98
± 0.2
y = 1.0
± 0.2
x is referenced to the center of the package
Outline Dimensions
4.55 ±0.1
2.6 ±0.1
0.4
0.4
1.7
0.4
1.5
3.0
0.05 ±0.05
branded side
SPGS7001-6-A/2E
sensitive area
top view
y
12
3
2
Fig. 3:
Plastic Small Outline Transistor Package
(SOT-89A)
Weight approximately 0.04 g
Dimensions in mm
4 ±0.2
1.53 ±0.05
0.125
0.7
sensitive area
0.55
branded side
0.36
0.8
0.3
45
°
y
14.0
min.
3.1
1.27
1.27
2.54
12
3
0.42
Fig. 4:
Plastic Transistor Single Outline Package
(TO-92UA)
Weight approximately 0.12 g
Dimensions in mm
1.5 ±0.05
4.06 ±0.1
2.03
3.05 ±0.1
0.48
SPGS7002-6-A/1E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com