Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L564 Datasheet (PDF) - IXYS Corporation

L564 Datasheet PDF - IXYS Corporation
Part # L564
Download  L564 Download
File Size   36.47 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three Phase Rectifier Bridge in ECO-PAC 2

L564 Datasheet (PDF)

Go To PDF Page Download Datasheet
L564 Datasheet PDF - IXYS Corporation

Part # L564
Download  L564 Click to download

File Size   36.47 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three Phase Rectifier Bridge in ECO-PAC 2

L564 Datasheet (HTML) - IXYS Corporation


L564 Product details

Features
• Package with DCB ceramic base plate
• Isolation voltage 3000 V~
• Planar passivated chips
• Blocking voltage up to 1600 V
• Low forward voltage drop
• Leads suitable for PC board soldering

Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors

Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power cycling capability
• Small and light weigt




Similar Part No. - L564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
logo
IXYS Corporation
L561 IXYS-L561 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
L562 MINIATURE GLASS FUSE LINKS
logo
IXYS Corporation
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
List of Unclassifed Man...
L56BGD ETC-L56BGD Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
More results


Similar Description - L564

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VDI50-06P1 IXYS-VDI50-06P1 Datasheet
155Kb / 4P
IGBT Modules in ECO-PAC 2
VKM60-01P1 IXYS-VKM60-01P1 Datasheet
71Kb / 4P
HiPerFET-TM Power MOSFET H-Bridge Topology in ECO-PAC 2
VUE22-12NO7 IXYS-VUE22-12NO7 Datasheet
189Kb / 2P
ECO-PAC TM Three Phase Rectifier Bridge
VID160-12P1 IXYS-VID160-12P1 Datasheet
105Kb / 4P
IGBT Modules in ECO-PAC 2
FBO16-12N IXYS-FBO16-12N Datasheet
56Kb / 2P
Single Phase Rectifier Bridge in ISOPLUS i4-PAC
logo
Powersem GmbH
PSHM120D01 POWERSEM-PSHM120D01 Datasheet
127Kb / 4P
Power MOSFET in ECO-PAC 2
PSHM4006 POWERSEM-PSHM4006 Datasheet
105Kb / 2P
CoolMOS Power MOSFET in ECO-PAC 2
PSHM12001 POWERSEM-PSHM12001 Datasheet
130Kb / 4P
Power MOSFET in ECO-PAC 2
logo
IXYS Corporation
VBE26-06NO7 IXYS-VBE26-06NO7 Datasheet
185Kb / 3P
ECO-PAC Single Phase Rectifier Bridge
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com