Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L564 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L564
Description  Three Phase Rectifier Bridge in ECO-PAC 2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L564 Datasheet(HTML) 1 Page - IXYS Corporation

  L564 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2002 IXYS All rights reserved
1 - 1
IXYS reserves the right to change limits, test conditions and dimensions.
VUO 122
B3
Three Phase Rectifier Bridge
in ECO-PAC 2
I
dAV
= 117 A
V
RRM = 800-1600 V
V
RSM
V
RRM
Types
V
V
900
800
VUO 122-08NO7
1300
1200
VUO 122-12NO7
1500
1400
VUO 122-14NO7
1700
1600
VUO 122-16NO7
Symbol
Test Conditions
Maximum Ratings
I
dAV
①
T
C = 100°C, module
117
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
900
A
V
R = 0
t = 8.3 ms (60 Hz), sine
990
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
770
A
V
R = 0
t = 8.3 ms (60 Hz), sine
850
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
4050
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
4050
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2950
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2950
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M4)
1.5 - 2
Nm
14 - 18
lb.in.
Weight
typ.
18
g
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
≤
0.5
mA
V
R
= V
RRM;TVJ = TVJM
≤
5mA
V
F
I
F
= 200 A;
T
VJ = 25°C
≤
1.75
V
V
T0
For power-loss calculations only
0.8
V
r
T
4m
Ω
R
thJC
per diode; DC current
0.85
K/W
per module
0.142
K/W
R
thJH
per diode, DC current (typ.)
1.15
K/W
per module (typ.)
0.192
K/W
d
S
Creeping distance on surface
11.2
mm
d
A
Creepage distance in air
9.7
mm
a
Max. allowable acceleration
50
m/s2
Features
• Package with DCB ceramic
base plate
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• Leads suitable for PC board soldering
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• Small and light weight
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747 refer to a single diode unless otherwise stated
① for resistive load at bridge output.
Preliminary data
PS16
EG 1
~ A 1
~ L 9
~ K10
Pin arangement see outlines


Similar Part No. - L564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
logo
IXYS Corporation
L561 IXYS-L561 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
L562 MINIATURE GLASS FUSE LINKS
logo
IXYS Corporation
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
List of Unclassifed Man...
L56BGD ETC-L56BGD Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
More results

Similar Description - L564

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VDI50-06P1 IXYS-VDI50-06P1 Datasheet
155Kb / 4P
IGBT Modules in ECO-PAC 2
VKM60-01P1 IXYS-VKM60-01P1 Datasheet
71Kb / 4P
HiPerFET-TM Power MOSFET H-Bridge Topology in ECO-PAC 2
VUE22-12NO7 IXYS-VUE22-12NO7 Datasheet
189Kb / 2P
ECO-PAC TM Three Phase Rectifier Bridge
VID160-12P1 IXYS-VID160-12P1 Datasheet
105Kb / 4P
IGBT Modules in ECO-PAC 2
FBO16-12N IXYS-FBO16-12N Datasheet
56Kb / 2P
Single Phase Rectifier Bridge in ISOPLUS i4-PAC
logo
Powersem GmbH
PSHM120D01 POWERSEM-PSHM120D01 Datasheet
127Kb / 4P
Power MOSFET in ECO-PAC 2
PSHM4006 POWERSEM-PSHM4006 Datasheet
105Kb / 2P
CoolMOS Power MOSFET in ECO-PAC 2
PSHM12001 POWERSEM-PSHM12001 Datasheet
130Kb / 4P
Power MOSFET in ECO-PAC 2
logo
IXYS Corporation
VBE26-06NO7 IXYS-VBE26-06NO7 Datasheet
185Kb / 3P
ECO-PAC Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com