Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC33410FTA Datasheet (PDF) - Motorola, Inc

XC33410FTA Datasheet PDF - Motorola, Inc
Part # XC33410FTA
Download  XC33410FTA Download
File Size   303.58 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DUAL CVSD/PLL CORDLESS PHONE SYSTEM

XC33410FTA Datasheet (PDF)

Go To PDF Page Download Datasheet
XC33410FTA Datasheet PDF - Motorola, Inc

Part # XC33410FTA
Download  XC33410FTA Click to download

File Size   303.58 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DUAL CVSD/PLL CORDLESS PHONE SYSTEM

XC33410FTA Datasheet (HTML) - Motorola, Inc


XC33410FTA Product details

Dual CVSD/PLL Cordless Phone System

The MC33410 Dual CVSD/Cordless Phone system is designed to fit the requirements of a 900 MHz digital cordless telephone system. The device contains a CVSD (Continuously Variable Slope Delta Modulator/Demodulator) Encoder to digitize the speech for the RF transmission, and a CVSD Decoder to reconstruct the received digital speech from the RF receiver. Provisions are made to transmit and receive data as well. Included are three PLLs (Phase–Locked Loops). Two are intended for use with external VCOs and 64/65 or 128/129 dual modulus prescalers, and can control the transmit and receive (LO1) frequencies for the 900 MHz communication. The third PLL is configured as the 2nd local oscillator (LO2), and is functional to 80 MHz. Also included are muting, audio gain adjust (internal and external), low battery/carrier detect, and a wide range for the PLL reference frequency. The power supply range is 2.7 to 5.5 V. A data only (non–voice) mode is also included.

• Two Complete CVSD Sections for Full Duplex Operation
• Two PLLs and an LO Suitable for a 900 MHz System
• Adjustable Detection for Low Battery or Carrier Signal (RSSI)
• Minimal External Components
• Encode Path Includes Adjustable Gain Amplifiers, Filters, Mute, CVSD
   Encoder, Data Insert, and Scrambler
• Decoder Path Contains Data Slicer, Clock Recovery, Descrambler, Data
   Detect, CVSD Decoder, Filters, Mute and Power Amplifier
• Data can be Transmitted During Voice Conversation with Minimal or No
   Noticeable Audio Disruption
• Idle Channel Noise Control
• Independent Power Amplifier with Differential Outputs, Mute
• Selectable Frequency for Switched Capacitor Filters, CVSD Function,
   PLLs, and the LO
• Reference Frequency Source can be a Crystal or System Clock
• Serial µP Port to Control Gain, Mute, Frequency Selection, Phase
   Detector Gain, Power Down Modes, Idle Channel Control, Scrambler
   Operation, Low Battery Detect, and Others
• Mode Available for Data Only Transmission (non–voice)
• Ambient Temperature Range: –20 to 70°C
• Power Supply Range: 2.7 to 5.5 V
• Power Down Modes for Power Conservation
• 48 Pin LQFP with 0.5 mm Lead Pitch




Similar Part No. - XC33410FTA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
XC33487D MOTOROLA-XC33487D Datasheet
134Kb / 5P
Automotive Dual High Side Driver
More results


Similar Description - XC33410FTA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
RF Single Chip for Cordless Phone
April 10, 2000
logo
Zilog, Inc.
Z87001 ZILOG-Z87001 Datasheet
205Kb / 51P
ROMless Spread Spectrum Cordless Phone Controller
logo
Motorola, Inc
MC33411A MOTOROLA-MC33411A Datasheet
449Kb / 43P
900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
logo
Toshiba Semiconductor
TB31213FN TOSHIBA-TB31213FN Datasheet
628Kb / 18P
PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TB31214FN TOSHIBA-TB31214FN Datasheet
631Kb / 18P
PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
logo
TOKO, Inc
TDF2A-836E-10A TOKO-TDF2A-836E-10A Datasheet
194Kb / 4P
TDF series for Mobile & Cordless Phone
logo
Toshiba Semiconductor
TB31213FNG TOSHIBA-TB31213FNG Datasheet
623Kb / 18P
PLL EREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TB31214FNG TOSHIBA-TB31214FNG Datasheet
622Kb / 18P
PLL EREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com