Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1141 Datasheet (PDF) - List of Unclassifed Manufacturers

M1141 Datasheet PDF - List of Unclassifed Manufacturers
Part # M1141
Download  M1141 Download
File Size   103.54 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 12V 3/5 CAR USE BLINKING LED

M1141 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1141 Datasheet PDF - List of Unclassifed Manufacturers

Part # M1141
Download  M1141 Click to download

File Size   103.54 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 12V 3/5 CAR USE BLINKING LED

M1141 Datasheet (HTML) - List of Unclassifed Manufacturers


M1141 Product details

[MOSDESIGN SEMICONDUCTOR CORP.]

FEATURES
• 1.5 / 2.4 Hz flash rate available.
• Mask option for duty cycle and flash rate.
• Gold plating : suffix-G.

APPLICATION
• Blinking LED, Function indicator, Xmas decoration etc..




Similar Part No. - M1141

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1141 MOSDESIGN-M1141 Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
M1141N MOSDESIGN-M1141N Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
M1141P MOSDESIGN-M1141P Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
More results


Similar Description - M1141

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1118F-RG MARKTECH-MT1118F-RG Datasheet
64Kb / 1P
T-1 3/4 Blinking LED Lamps
logo
Micro Electronics
MGB557D MICRO-ELECTRONICS-MGB557D Datasheet
47Kb / 1P
BLINKING LED LAMPS
MOB557TA MICRO-ELECTRONICS-MOB557TA Datasheet
41Kb / 1P
BLINKING LED LAMPS
MSB556DA MICRO-ELECTRONICS-MSB556DA Datasheet
43Kb / 1P
BLINKING LED LAMPS
logo
Vishay Siliconix
TLBR5410 VISHAY-TLBR5410 Datasheet
211Kb / 6P
Blinking LED in 5 mm Plastic Package
30-Aug-04
logo
Kingbright Corporation
L-796BSRC-B KINGBRIGHT-L-796BSRC-B Datasheet
92Kb / 3P
8mm BLINKING LED LAMP
logo
Micro Electronics
MSB557DA MICRO-ELECTRONICS-MSB557DA_05 Datasheet
52Kb / 1P
BLINKING LED LAMP
logo
SparkFun Electronics
KIT-13154 SPARKFUN-KIT-13154 Datasheet
248Kb / 2P
Blinking an LED
8/5/2016
logo
MOSDESIGN SEMICONDUCTOR...
M1141 MOSDESIGN-M1141 Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
M1142A MOSDESIGN-M1142A Datasheet
137Kb / 2P
BLINKING LED
2012-04-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com