Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1141 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1141
Description  12V 3/5 CAR USE BLINKING LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1141 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1141 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1141 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12V 3/5φCAR USE
12V 3/5φ(汽车)
BLINKING LED
LED 闪烁 IC
2/2
2004-05-18
LED FLASH
M1141
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT & POSITION
* CHIP SIZE ~ 0.83 x 0.72 mm
2
* IC substrate should be connected to VDD in PCB (PCB 上 IC 必须接 VDD)
UNIT : um
No. NAME
X
Y
1
VSS
277.5
222.5
2
LN
10
222.5
3
LP
-277.5
222.5
4
VDD
-271
-85
5
OSC
251
20.5
( 0,0 )
1
2
3
4
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com