Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1141 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M1141
Description  12V 3/5 CAR USE BLINKING LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1141 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M1141 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1141 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12V 3/5φCAR USE
12V 3/5φ(汽车)
BLINKING LED
LED 闪烁 IC
1/1
2004-05-18
LED FLASH
M1141
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能叙述
• 1.5 / 2.4 Hz flash rate available.
• Mask option for duty cycle and flash rate.
• Gold plating : suffix-G.
APPLICATION 产品应用
• Blinking LED, Function indicator, Xmas decoration etc..
ELECTRICAL CHARACTERISTICS 电气规格
( @VDD=12V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作电压 Operating Voltage
VDD
3
12
13
V
工作电流 Operating Current
IOP
─
0.1
0.5
mA
No load
静态电流 Quiescent Current
ISB
─
─
─
μA
推动电流 Driving Current
IOL
─
200
─
mA
振荡频率 Oscillator Frequency
FOSC
─
72
─
KHz
±30% TOL.
工作温度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 参考电路图
(1) SOURCE TYPE
(2) SINK TYPE
*IC CHIP ~ 0.83 X 0.72 mm
2 , substrate to VDD.
*All specs and applications shown above subject to change without prior notice.
( 以上电路及规格仅供参考,本公司得径行修正 )
P/N
Hz
DUTY
M1141-1
1.2
1/4
M1141-2
2.4
1/4
M1141-3
1.5
1/8
M1141-4
2.4
1/8
VSS
VDD
LP
M1141P
VSS
VDD
LN
M1141N
M1141G
P
N
DICE
M1141G
N
P
DICE
LP
VSS
M1141
VDD
LN
VSS
M1141
VDD


Similar Part No. - M1141

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1141 MOSDESIGN-M1141 Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
M1141N MOSDESIGN-M1141N Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
M1141P MOSDESIGN-M1141P Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
More results

Similar Description - M1141

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1118F-RG MARKTECH-MT1118F-RG Datasheet
64Kb / 1P
T-1 3/4 Blinking LED Lamps
logo
Micro Electronics
MGB557D MICRO-ELECTRONICS-MGB557D Datasheet
47Kb / 1P
BLINKING LED LAMPS
MOB557TA MICRO-ELECTRONICS-MOB557TA Datasheet
41Kb / 1P
BLINKING LED LAMPS
MSB556DA MICRO-ELECTRONICS-MSB556DA Datasheet
43Kb / 1P
BLINKING LED LAMPS
logo
Vishay Siliconix
TLBR5410 VISHAY-TLBR5410 Datasheet
211Kb / 6P
Blinking LED in 5 mm Plastic Package
30-Aug-04
logo
Kingbright Corporation
L-796BSRC-B KINGBRIGHT-L-796BSRC-B Datasheet
92Kb / 3P
8mm BLINKING LED LAMP
logo
Micro Electronics
MSB557DA MICRO-ELECTRONICS-MSB557DA_05 Datasheet
52Kb / 1P
BLINKING LED LAMP
logo
SparkFun Electronics
KIT-13154 SPARKFUN-KIT-13154 Datasheet
248Kb / 2P
Blinking an LED
8/5/2016
logo
MOSDESIGN SEMICONDUCTOR...
M1141 MOSDESIGN-M1141 Datasheet
138Kb / 2P
12V 3/5φCAR USE BLINKING LED
2011-04-11
M1142A MOSDESIGN-M1142A Datasheet
137Kb / 2P
BLINKING LED
2012-04-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com