Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C16292 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C16292 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C16292
Download  PI5C16292 Download
File Size   73.18 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description PI5C162292 (25W)

PI5C16292 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C16292 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C16292
Download  PI5C16292 Click to download

File Size   73.18 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description PI5C162292 (25W)

PI5C16292 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C16292 Product details

Description
Pericom Semiconductor’s PI5C series of logic circuits are produced using the Company’s advanced 0.6 micron CMOS technology.
   
Features
• Near-zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Internal 500Ω pull-down on A2 ports
• Ultra-low quiescent power (0.2µA typical)
    – Ideally suited for notebook applications
• Industrial operating temperature: –40°C to +85°C
• Make-before-break switching
• Packages available:
    – 56-pin 240-mil wide thin plastic TSSOP (A)
    – 56-pin 300-mil wide plastic SSOP (V)
   
Applications
• Memory switching
   




Similar Part No. - PI5C16292

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
20-Bit, 2-Port Bus Switch
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
24-Bit Bus Switch
PI5C16211A PERICOM-PI5C16211A Datasheet
115Kb / 3P
24-Bit Bus Switch
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
24-Bit Bus Switch
PI5C16211K PERICOM-PI5C16211K Datasheet
115Kb / 3P
24-Bit Bus Switch
More results


Similar Description - PI5C16292

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4432 SANYO-STK4432 Datasheet
244Kb / 7P
AF Power Amplifier (25W 25W min, THD = 1.0%)
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
PCA ELECTRONICS INC.
EPC3472G-LF PCA-EPC3472G-LF_15 Datasheet
893Kb / 1P
25W Flyback Transformer
logo
MicroPower Direct, LLC
MPM-25SV MPD-MPM-25SV Datasheet
905Kb / 4P
25W Output Power
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
25W Radio Modem
logo
NXP Semiconductors
PSMN003-25W PHILIPS-PSMN003-25W Datasheet
129Kb / 8P
PSMN003-25W
October 1999 Rev 1.100
logo
Shenzhenshi YONGFUKANG ...
CS8622E YONGFUKANG-CS8622E Datasheet
2Mb / 16P
25W
CS8625C YONGFUKANG-CS8625C Datasheet
3Mb / 14P
25W
logo
Shenzhen Huazhimei Semi...
HM9308 HMSEMI-HM9308 Datasheet
2Mb / 17P
25W
logo
CINCON ELECTRONICS Corp...
TRH25 CINCON-TRH25 Datasheet
238Kb / 2P
25W SWITCHING ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com