Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4013BA1W00 Datasheet (PDF) - Integrated Device Technology

ZSPM4013BA1W00 Datasheet PDF - Integrated Device Technology
Part # ZSPM4013BA1W00
Download  ZSPM4013BA1W00 Download
File Size   661.04 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description High Efficiency 3A Synchronous Buck Converter

ZSPM4013BA1W00 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4013BA1W00 Datasheet PDF - Integrated Device Technology

Part # ZSPM4013BA1W00
Download  ZSPM4013BA1W00 Click to download

File Size   661.04 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description High Efficiency 3A Synchronous Buck Converter

ZSPM4013BA1W00 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - ZSPM4013BA1W00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013BA1W00 ETC2-ZSPM4013BA1W00 Datasheet
1Mb / 23P
High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013BA1W00 RENESAS-ZSPM4013BA1W00 Datasheet
819Kb / 22P
High Efficiency 3A Synchronous Buck Converter
January 25, 2016
More results


Similar Description - ZSPM4013BA1W00

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
High Efficiency 3A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Renesas Technology Corp
ZSPM4013 RENESAS-ZSPM4013 Datasheet
796Kb / 21P
ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
High Efficiency 3A Synchronous Buck Converter
January 25, 2016
logo
uPI Group Inc.
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com