Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364 Datasheet (PDF) - Analog Devices

AD9364 Datasheet PDF - Analog Devices
Part # AD9364
Download  AD9364 Download
File Size   636.46 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Point to point communication systems

AD9364 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9364 Datasheet PDF - Analog Devices

Part # AD9364
Download  AD9364 Click to download

File Size   636.46 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Point to point communication systems

AD9364 Datasheet (HTML) - Analog Devices


AD9364 Product details

GENERAL DESCRIPTION
The AD9364 is a high performance, highly integrated radio frequency (RF) Agile Transceiver™ designed for use in 3G and 4G base station applications. Its programmability and wideband capability make it ideal for a broad range of transceiver applications.
The device combines an RF front end with a flexible mixed-signal baseband section and integrated frequency synthesizers, simplifying design-in by providing a configurable digital interface to a processor. The AD9364 operates in the 70 MHz to 6.0 GHz range, covering most licensed and unlicensed bands. Channel bandwidths from less than 200 kHz to 56 MHz are supported.

FEATURES
   RF 1 × 1 transceiver with integrated 12-bit DACs and ADCs
   Band: 70 MHz to 6.0 GHz
   Supports time division duplex (TDD) and frequency division
      duplex (FDD) operation
   Tunable channel bandwidth (BW): <200 kHz to 56 MHz
   3-band receiver: 3 differential or 6 single-ended inputs
   Superior receiver sensitivity with a noise figure of <2.5 dB
   Rx gain control
      Real-time monitor and control signals for manual gain
      Independent automatic gain control
   2-band differential output transmitter
   Highly linear broadband transmitter
      Tx EVM: ≤−40 dB
      Tx noise: ≤−157 dBm/Hz noise floor
      Tx monitor: ≥66 dB dynamic range with 1 dB accuracy
   Integrated fractional-N synthesizers
      2.4 Hz maximum local oscillator (LO) step size
   Multichip synchronization
   CMOS/LVDS digital interface

APPLICATIONS
   Point to point communication systems
   Femtocell/picocell/microcell base stations
   General-purpose radio systems




Similar Part No. - AD9364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
More results


Similar Description - AD9364

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6057B TEMIC-U6057B Datasheet
87Kb / 9P
Receiver for Point-to-Point Multiplex Systems
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
Point-to-Point
logo
Abracon Corporation
AST3TQ-50 ABRACON-AST3TQ-50 Datasheet
3Mb / 6P
Point-to-Point communication networks
04.02.15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com