Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556M Datasheet (PDF) - STMicroelectronics

TS556M Datasheet PDF - STMicroelectronics
Part # TS556M
Download  TS556M Download
File Size   129.2 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS TIMER

TS556M Datasheet (PDF)

Go To PDF Page Download Datasheet
TS556M Datasheet PDF - STMicroelectronics

Part # TS556M
Download  TS556M Click to download

File Size   129.2 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS TIMER

TS556M Datasheet (HTML) - STMicroelectronics


TS556M Product details

DESCRIPTION

The TS556 is a dual CMOS timer which offers very low consumption (Icc(TYP) TS556 = 220µA at VCC=+5V versus Icc(TYP) NE556 = 6mA) and high frequency ff(max.) TS556 = 2.7MHz versus f(max.) NE556 = 0.1 MHz) Thus, either in Monostable or Astable mode, timing remains very accurate. The TS556 provides reduced supply current spikes during output transitions, which enables the use of lower decoupling capacitors compared to those required by bipolar NE556. Timing capacitors can also be minimized due to high input impedance (1012Ω).



■VERY LOW POWER CONSUMPTION :

   220 µA typ at VCC= 5V

   180 µA typ at VCC= 3V

■HIGH MAXIMUM ASTABLE FREQUENCY 2.7MHz

■PIN-TO-PIN AND FUNCTIONALLY COMPATIBLE WITH BIPOLAR NE556

■WIDE VOLTAGE RANGE : +2V to +16V

■HIGH OUTPUT CURRENT CAPABILITY

■SUPPLY CURRENT SPIKES REDUCED DURING OUTPUT TRANSITIONS

■HIGH INPUT IMPEDANCE : 1012Ω

■OUTPUT COMPATIBLE WITH TTL,CMOS AND LOGIC MOS




Similar Part No. - TS556M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS556M STMICROELECTRONICS-TS556M Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
TS556MD STMICROELECTRONICS-TS556MD Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
TS556MN STMICROELECTRONICS-TS556MN Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
More results


Similar Description - TS556M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
Intersil Corporation
CDP1878C INTERSIL-CDP1878C Datasheet
61Kb / 13P
CMOS Dual Counter-Timer
March 1997
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com