Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556M Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS556M
Description  LOW POWER DUAL CMOS TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS556M Datasheet HTML 3Page - STMicroelectronics TS556M Datasheet HTML 4Page - STMicroelectronics TS556M Datasheet HTML 5Page - STMicroelectronics TS556M Datasheet HTML 6Page - STMicroelectronics TS556M Datasheet HTML 7Page - STMicroelectronics TS556M Datasheet HTML 8Page - STMicroelectronics TS556M Datasheet HTML 9Page - STMicroelectronics TS556M Datasheet HTML 10Page - STMicroelectronics TS556M Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS556
7/11
STATIC ELECTRICAL CHARACTERISTICS
VCC = +12V, Tamb = +25°C, Reset to VCC (unless otherwise specified)
DYNAMIC ELECTRICAL CHARACTERISTICS
VCC = +12V, Tamb = +25°C, Reset to VCC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current (no load, High and Low States)
Tmin. ≤ Tamb ≤ Tmax.
340
800
800
µA
VCL
Control Voltage Level
Tmin. ≤ Tamb ≤ Tmax.
7.4
7.3
8
8.6
8.7
V
VDIS
Discharge Saturation Voltage (Idis = 80mA)
Tmin. ≤ Tamb ≤ Tmax.
0.09
1.6
2.0
V
IDIS
Discharge Pin Leakage Current
1
100
nA
VOL
Low Level Output Voltage (Isink = 50mA)
Tmin. ≤ Tamb ≤ Tmax.
1.2
2
2.8
V
VOH
High Level Output Voltage (Isource = -10mA)
Tmin. ≤ Tamb ≤ Tmax.
10.5
10.5
11
V
VTRIG
Trigger Voltage
Tmin. ≤ Tamb ≤ Tmax.
3.2
3.1
4
4.8
4.9
V
ITRIG
Trigger Current
10
pA
ITH
Threshold Current
10
pA
VRESET
Reset Voltage
Tmin. ≤ Tamb ≤ Tmax.
0.4
0.3
1.1
1.5
2.0
V
IRESET
Reset Current
10
pA
Symbol
Parameter
Min.
Typ.
Max.
Unit
Timing Accuracy (Monostable) 1)
R = 10k
Ω, C = 0.1µF
1.
see figure 2
4%
Timing Shift with Supply Voltage Variations (Monostable)
R = 10k
Ω, C = 0.1µF,V
CC = +5V ±1V
0.38
%/V
Timing Shift with Temperature
Tmin. ≤ Tamb ≤ Tmax., VCC = +5V
75
ppm/°C
fmax
Maximum Astable Frequency
RA = 470Ω, RB = 200Ω, C = 200pF, VCC = +5V
2.7
MHz
Astable Frequency Accuracy 2)
RA =RB = 1kΩ to 100kΩ, C = 0.1µF
2.
see figure 4
3%
Timing Shift with Supply Voltage Variations (Astable mode)
RA =RB = 1kΩ to 100kΩ, C = 0.1µF, VCC = 5 to +12V
0.1
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com