Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556M Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS556M
Description  LOW POWER DUAL CMOS TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556M Datasheet(HTML) 1 Page - STMicroelectronics

  TS556M Datasheet HTML 1Page - STMicroelectronics TS556M Datasheet HTML 2Page - STMicroelectronics TS556M Datasheet HTML 3Page - STMicroelectronics TS556M Datasheet HTML 4Page - STMicroelectronics TS556M Datasheet HTML 5Page - STMicroelectronics TS556M Datasheet HTML 6Page - STMicroelectronics TS556M Datasheet HTML 7Page - STMicroelectronics TS556M Datasheet HTML 8Page - STMicroelectronics TS556M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s VERY LOW POWER CONSUMPTION :
220 µA typ at VCC = 5V
180 µA typ at VCC = 3V
s HIGH MAXIMUM ASTABLE FREQUENCY
2.7MHz
s PIN-TO-PIN AND FUNCTIONALLY
COMPATIBLE WITH BIPOLAR NE556
s WIDE VOLTAGE RANGE : +2V to +16V
s HIGH OUTPUT CURRENT CAPABILITY
s SUPPLY CURRENT SPIKES REDUCED
DURING OUTPUT TRANSITIONS
s HIGH INPUT IMPEDANCE : 1012
Ω
s OUTPUT COMPATIBLE WITH TTL,CMOS
AND LOGIC MOS
DESCRIPTION
The TS556 is a dual CMOS timer which offers
very low consumption (I
cc(TYP) TS556 = 220µA at
VCC=+5V versus Icc(TYP) NE556 = 6mA) and high
frequency f
f(max.)
TS556 = 2.7MHz versus f
(max.
)
NE556 = 0.1 MHz)
Thus, either in Monostable or Astable mode, tim-
ing remains very accurate.
The TS556 provides reduced supply current
spikes during output transitions, which enables
the use of lower decoupling capacitors compared
to those required by bipolar NE556.
Timing capacitors can also be minimized due to
high input impedance (1012
Ω).
ORDER CODES
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
TS556C
0°C, +70°C
••
TS556I
-40°C, +125°C
••
TS556M
-55°C, +125°C
••
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
Control
Voltage
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Discharge
Threshold
Reset
Output
Trigger
GND
Control
Voltage
+V
Discharge
Threshold
Reset
Output
Trigger
S
TS556
LOW POWER DUAL CMOS TIMER
February 2003


Similar Part No. - TS556M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS556M STMICROELECTRONICS-TS556M Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
TS556MD STMICROELECTRONICS-TS556MD Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
TS556MN STMICROELECTRONICS-TS556MN Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
More results

Similar Description - TS556M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
Intersil Corporation
CDP1878C INTERSIL-CDP1878C Datasheet
61Kb / 13P
CMOS Dual Counter-Timer
March 1997
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com