Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9319US8 Datasheet (PDF) - Xicor Inc.

X9319US8 Datasheet PDF - Xicor Inc.
Part # X9319US8
Download  X9319US8 Download
File Size   344.72 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Digitally Controlled Potentiometer (XDCP)

X9319US8 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9319US8 Datasheet PDF - Xicor Inc.

Part # X9319US8
Download  X9319US8 Click to download

File Size   344.72 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Digitally Controlled Potentiometer (XDCP)

X9319US8 Datasheet (HTML) - Xicor Inc.


X9319US8 Product details

DESCRIPTION
The Xicor X9319 is a digitally controlled potentiometer (XDCP). The device consists of a resistor array, wiper switches, a control section, and nonvolatile memory. The wiper position is controlled by a 3-wire interface.

FEATURES
• Solid-state potentiometer
• 3-wire serial interface
• Terminal voltage, 0 to +10V
• 100 wiper tap points
    —Wiper position stored in nonvolatile memory and recalled on power-up
• 99 resistive elements
    —Temperature compensated
    —End to end resistance range ± 20%
• Low power CMOS
    —VCC = 5V
    —Active current, 3mA max.
    —Standby current, 1mA max.
• High reliability
    —Endurance, 100,000 data changes per bit
    —Register data retention, 100 years
• RTOTAL value = 10KΩ and 50KΩ
• Packages
    —8-lead SOIC and DIP

APPLICATIONS
• LCD bias control
• DC bias adjustment
• Gain and offset trim
• Laser diode bias control
• Voltage regulator output control




Similar Part No. - X9319US8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9319US8 INTERSIL-X9319US8 Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X9319US8I INTERSIL-X9319US8I Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X9319US8I INTERSIL-X9319US8I Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
X9319US8IZ INTERSIL-X9319US8IZ Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X9319US8IZ INTERSIL-X9319US8IZ Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
More results


Similar Description - X9319US8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL90462 INTERSIL-ISL90462 Datasheet
201Kb / 7P
Digitally Controlled Potentiometer (XDCP)
October 7, 2005
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
Digitally Controlled Potentiometer XDCP
October 10, 2008
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
Digitally Controlled Potentiometer (XDCP??
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
Digitally Controlled Potentiometer (XDCP??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com