Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX122 Datasheet (PDF) - Fox Electronics

FX122 Datasheet PDF - Fox Electronics
Part # FX122
Download  FX122 Download
File Size   137.87 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description SMD 2.0 x 1.2 Tuning Fork

FX122 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX122 Datasheet PDF - Fox Electronics

Part # FX122
Download  FX122 Click to download

File Size   137.87 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description SMD 2.0 x 1.2 Tuning Fork

FX122 Datasheet (HTML) - Fox Electronics




Similar Part No. - FX122

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
More results


Similar Description - FX122

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K124 FOX-K124 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
K121 FOX-K121 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
logo
Fox Electronics
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com