Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC452 Datasheet (PDF) - COSMO Electronics Corporation

KPC452 Datasheet PDF - COSMO  Electronics Corporation
Part # KPC452
Download  KPC452 Download
File Size   268.77 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description Compact Surface Mount, High Collector emitter Voltage Type Photo Coupler

KPC452 Datasheet (PDF)

Go To PDF Page Download Datasheet
KPC452 Datasheet PDF - COSMO  Electronics Corporation

Part # KPC452
Download  KPC452 Click to download

File Size   268.77 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description Compact Surface Mount, High Collector emitter Voltage Type Photo Coupler

KPC452 Datasheet (HTML) - COSMO Electronics Corporation


KPC452 Product details

Description
The KPC452 consist of a photo darlington optically coupled to a gallium arsenide infrared-emitting diodes in a 4-pin Mini-Flat package. Collector-emitter voltage is 300V. The input-output isolation voltage is rated at 3750 Vrms..

Features
1. Halogen free
2. Pb free and RoHS compliant
3. Mini-flat package: compact 4 pin SOP with a 2.0mm profile
4. High collector-emitter voltage (VCEO : 300V)
5. High current transfer ratio
   (CTR : MIN.1000% at IF =1mA,VCE =2V)
6. High isolation voltage between input and output (Viso:3750Vrms)
7. MSL class 1
8. Agency Approvals:
   • UL Approved (No. E169586): UL1577
   • c-UL Approved (No. E169586)
   • VDE Approved (No. 40014684): DIN EN 60747-5-5
   • FIMKO Approved: EN60065, EN60950
   • CQC Approved: GB8898-2011, GB4943.1-2011
  
Applications
• Telephone sets
• Copiers, facsimiles
• Interfaces with various power supply circuits, power distribution boards
• Hybrid substrates which require high density mounting




Similar Part No. - KPC452

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC452ETLD COSMO-KPC452ETLD Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC452ETRU COSMO-KPC452ETRU Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC452 COSMO-KPC452_12 Datasheet
119Kb / 6P
Pb free and RoHS compliant.
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
More results


Similar Description - KPC452

ManufacturerPart #DatasheetDescription
logo
NEC
PS2631 NEC-PS2631 Datasheet
61Kb / 8P
HIGH COLLECTOR VOLTAGE 6PIN PHOTO COUPLER
logo
Sharp Corporation
PC452 SHARP-PC452 Datasheet
51Kb / 4P
Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC8D52 SHARP-PC8D52 Datasheet
82Kb / 5P
High Collector-emitter Voltage Type Photocouplers
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Renesas Technology Corp
PS2631 RENESAS-PS2631 Datasheet
194Kb / 10P
HIGH COLLECTOR VOLTAGE 6PIN PHOTO COUPLER
April 1st, 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com