Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F080D70M6T Datasheet (PDF) - STMicroelectronics

M29F080D70M6T Datasheet PDF - STMicroelectronics
Part # M29F080D70M6T
Download  M29F080D70M6T Download
File Size   252.06 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory

M29F080D70M6T Datasheet (PDF)

Go To PDF Page Download Datasheet
M29F080D70M6T Datasheet PDF - STMicroelectronics

Part # M29F080D70M6T
Download  M29F080D70M6T Click to download

File Size   252.06 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory

M29F080D70M6T Datasheet (HTML) - STMicroelectronics


M29F080D70M6T Product details

SUMMARY DESCRIPTION
The M29F080D is a 8 Mbit (1Mb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage 5V supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
   – VCC = 5V ±10% for PROGRAM, ERASE and READ OPERATIONS
■ ACCESS TIME: 55, 70, 90ns
■ PROGRAMMING TIME
   – 10µs per Byte typical
■ 16 UNIFORM 64Kbyte MEMORY BLOCKS
■ PROGRAM/ERASE CONTROLLER
   – Embedded Byte Program algorithms
■ ERASE SUSPEND and RESUME MODES
   – Read and Program another Block during Erase Suspend
■ UNLOCK BYPASS PROGRAM COMMAND
   – Faster Production/Batch Programming
■ TEMPORARY BLOCK UNPROTECTION MODE
■ COMMON FLASH INTERFACE
   – 64 bit Security Code
■ LOW POWER CONSUMPTION
   – Standby and Automatic Standby
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
   – Manufacturer Code: 20h
   – Device Code: F1h
■ ECOPACK® PACKAGES AVAILABLE




Similar Part No. - M29F080D70M6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080D70M6T STMICROELECTRONICS-M29F080D70M6T Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
More results


Similar Description - M29F080D70M6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W008T STMICROELECTRONICS-M29W008T Datasheet
219Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
02-Aug-2004
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
17-Feb-2003
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F032D STMICROELECTRONICS-M29F032D Datasheet
286Kb / 35P
32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
Apr-2002
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
24-Aug-2006
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com