Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB50 Datasheet (PDF) - Cirrus Logic

PB50 Datasheet PDF - Cirrus Logic
Part # PB50
Download  PB50 Download
File Size   246.54 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER BOOSTER AMPLIFIER

PB50 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB50 Datasheet PDF - Cirrus Logic

Part # PB50
Download  PB50 Click to download

File Size   246.54 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER BOOSTER AMPLIFIER

PB50 Datasheet (HTML) - Cirrus Logic


PB50 Product details

DESCRIPTION
The PB50 is a high voltage, high current amplifer designed to provide voltage and current gain for a small signal, general purpose op amp. Including the power booster within the feed back loop of the driver amplifer results in a composite amplifer with the accuracy of the driver and the extended output voltage range and current capability of the booster. The PB50 can also be used without a driver in some applications, requiring only an external current limit resistor to function properly.
The output stage utilizes complementary MOSFETs, providing symmetrical output impedance and eliminating secondary breakdown limitations imposed by Bipolar Junction Transis tors. Internal feedback and gainset resistors are provided for a pin-strappable gain of 3. Additional gain can be achieved with a single external resistor. Compensation is not required for most driver/gain confgurations, but can be accomplished with a single external capacitor. Although the booster can be confgured quite simply, enormous flexibility is provided through the choice of driver amplifer, current limit, supply voltage, voltage gain, and compensation.
This hybrid circuit utilizes a beryllia (BeO) substrate, thick flm resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The 8-pin TO-3 package is electrically isolated and hermetically sealed using one-shot resistance welding. The use of compressible isolation washers voids the warranty.

FEATURES
• WIDE SUPPLY RANGE — ±30V to ±100V
• HIGH OUTPUT CURRENT — Up to 2A Continuous
• VOLTAGE AND CURRENT GAIN
• HIGH SLEW RATE — 50V/µs Minimum
• PROGRAMMABLE OUTPUT CURRENT LIMIT
• HIGH POWER BANDWIDTH — 160 kHz Minimum
• LOW QUIESCENT CURRENT — 12mA Typical

APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• Electrostatic TRANSDUCERS & DEFLECTION
• Programmable Power Supplies Up to 180V p-p




Similar Part No. - PB50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
PB50 CIRRUS-PB50 Datasheet
202Kb / 5P
Power Booster Amplifier
logo
RFE international
PB50005 RFE-PB50005 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
PB5001 RFE-PB5001 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
PB5002 RFE-PB5002 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
More results


Similar Description - PB50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1438R MOTOROLA-MC1438R Datasheet
377Kb / 6P
OPERATIONAL AMPLIFIERS POWER BOOSTER
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
PB58 APEX-PB58 Datasheet
250Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
logo
Cirrus Logic
PB50 APEX-PB50_06 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
PB50 CIRRUS-PB50 Datasheet
202Kb / 5P
Power Booster Amplifier
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
Power Booster Amplifier
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
Current Booster
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com