Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB58 Datasheet (PDF) - Cirrus Logic

PB58 Datasheet PDF - Cirrus Logic
Part # PB58
Download  PB58 Download
File Size   250.84 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER BOOSTER AMPLIFIERS

PB58 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB58 Datasheet PDF - Cirrus Logic

Part # PB58
Download  PB58 Click to download

File Size   250.84 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER BOOSTER AMPLIFIERS

PB58 Datasheet (HTML) - Cirrus Logic


PB58 Product details

DESCRIPTION
The PB58 is a high voltage, high current amplifer designed to provide voltage and current gain for a small signal, general purpose op amp. Including the power booster within the feed back loop of the driver amplifer results in a composite amplifer with the accuracy of the driver and the extended output voltage range and current capability of the booster. The PB58 can also be used without a driver in some applications, requiring only an external current limit resistor to function properly.
The output stage utilizes complementary MOSFETs, providing symmetrical output impedance and eliminating second breakdown limitations imposed by Bipolar Transistors. Internal feedback and gainset resistors are provided for a pin-strapable gain of 3. Additional gain can be achieved with a single external resistor. Compensation is not required for most driver/gain confgurations, but can be accomplished with a single external capacitor. Enormous flexibility is provided through the choice of driver amplifer, current limit, supply voltage, voltage gain, and compensation.
This hybrid circuit utilizes a beryllia (BeO) substrate, thick flm resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The 8-pin TO-3 package is electrically isolated and hermetically sealed using one-shot resistance welding. The use of compressible isolation washers voids the warranty.

FEATURES
• WIDE SUPPLY RANGE — ±15V to ±150V
• HIGH OUTPUT CURRENT —
   1.5A Continuous (PB58)
   2.0A Continuous (PB58A)
• VOLTAGE AND CURRENT GAIN
• HIGH SLEW — 50V/µs Minimum (PB58)
   75V/µs Minimum (PB58A)
• PROGRAMMABLE OUTPUT CURRENT LIMIT
• HIGH POWER BANDWIDTH — 320 kHz Minimum
• LOW QUIESCENT CURRENT — 12mA Typical
• EVALUATION KIT — See EK50

APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• Electrostatic TRANSDUCERS & DEFLECTION
• Programmable Power Supplies Up to 280V p-p




Similar Part No. - PB58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Lumileds Lighting Compa...
PB58 LUMILEDS-PB58 Datasheet
1Mb / 2P
Styling solution for front turn and side marker applications
logo
PACELEADER INDUSTRIAL
PB5817W PACELEADER-PB5817W Datasheet
547Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PB5818W PACELEADER-PB5818W Datasheet
547Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - PB58

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1438R MOTOROLA-MC1438R Datasheet
377Kb / 6P
OPERATIONAL AMPLIFIERS POWER BOOSTER
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
246Kb / 4P
POWER BOOSTER AMPLIFIER
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
PB50 APEX-PB50_06 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
PB50 CIRRUS-PB50 Datasheet
202Kb / 5P
Power Booster Amplifier
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
Power Booster Amplifier
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
Current Booster
logo
Billiton Ltd.
TP83 ASIC-TP83 Datasheet
173Kb / 10P
Booster series
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com