Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB51 Datasheet (PDF) - Cirrus Logic

PB51 Datasheet PDF - Cirrus Logic
Part # PB51
Download  PB51 Download
File Size   148.28 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Booster Amplifier

PB51 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB51 Datasheet PDF - Cirrus Logic

Part # PB51
Download  PB51 Click to download

File Size   148.28 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Booster Amplifier

PB51 Datasheet (HTML) - Cirrus Logic


PB51 Product details

DESCRIPTION

The PB51 is a high voltage, high current amplifier designed to provide voltage and current gain for a small signal, general purpose op amp. Including the power booster within the feed back loop of the driver amplifier results in a composite amplifier with the accuracy of the driver and the extended output voltage range and current capability of the booster. The PB51 can also be used without a driver in some applications, requiring only an external current limit resistor to function properly.

The output stage utilizes complementary MOSFETs, providing symmetrical output impedance and eliminating second breakdown limitations imposed by Bipolar Transistors. Internal feedback and gainset resistors are provided for a pin-strapable gain of 3. Additional gain can be achieved with a single external resistor. Compensation is not required for most driver/gain configurations, but can be accomplished with a single external capacitor. Enormous flexibility is provided through the choice of driver amplifier, current limit, supply voltage, voltage gain, and compensation.



FEATURES

• WIDE SUPPLY RANGE — ±15V to ±150V

• HIGH OUTPUT CURRENT —  1.5A Continuous (PB51), 2.0A Continuous (PB51A)

• VOLTAGE AND CURRENT GAIN

• HIGH SLEW —  50V/µs Minimum (PB51)   75V/µs Minimum (PB51A)

• PROGRAMMABLE OUTPUT CURRENT LIMIT

• HIGH POWER BANDWIDTH — 320 kHz Minimum

• LOW QUIESCENT CURRENT — 12mA Typical

• EVALUATION KIT — EK29



APPLICATIONS

• HIGH VOLTAGE INSTRUMENTATION

• ELECTROSTATIC TRANSDUCERS & DEFLECTION

• PROGRAMMABLE POWER SUPPLIES UP TO 280V P-P




Similar Part No. - PB51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PB51 APEX-PB51 Datasheet
280Kb / 4P
POWER OPERATIONAL AMPLIFIER
logo
Sensitron
PB5114 SENSITRON-PB5114 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
logo
Tyco Electronics
PB514012 MACOM-PB514012 Datasheet
236Kb / 3P
Miniature Power PCB Relay
PB514012 MACOM-PB514012 Datasheet
419Kb / 2P
General Purpose Relays PCB Relays
04-2011, Rev. 0411
PB514024 MACOM-PB514024 Datasheet
236Kb / 3P
Miniature Power PCB Relay
More results


Similar Description - PB51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1438R MOTOROLA-MC1438R Datasheet
377Kb / 6P
OPERATIONAL AMPLIFIERS POWER BOOSTER
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
246Kb / 4P
POWER BOOSTER AMPLIFIER
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
PB58 APEX-PB58 Datasheet
250Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
logo
Cirrus Logic
PB50 APEX-PB50_06 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
PB50 CIRRUS-PB50 Datasheet
202Kb / 5P
Power Booster Amplifier
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
Current Booster
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com