Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB51 Datasheet (PDF) - Cirrus Logic

PB51 Datasheet PDF - Cirrus Logic
Part # PB51
Download  PB51 Download
File Size   280.57 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PB51 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB51 Datasheet PDF - Cirrus Logic

Part # PB51
Download  PB51 Click to download

File Size   280.57 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PB51 Datasheet (HTML) - Cirrus Logic


PB51 Product details

DESCRIPTION

The PB51 is a high voltage, high current amplifier designed to provide voltage and current gain for a small signal, general purpose op amp. Including the power booster within the feed back loop of the driver amplifier results in a composite amplifier with the accuracy of the driver and the extended output voltage range and current capability of the booster. The PB51 can also be used without a driver in some applications, requiring only an external current limit resistor to function properly.

The output stage utilizes complementary MOSFETs, providing symmetrical output impedance and eliminating second breakdown limitations imposed by Bipolar Transistors. Internal feedback and gainset resistors are provided for a pin-strapable gain of 3. Additional gain can be achieved with a single external resistor. Compensation is not required for most driver/gain configurations, but can be accomplished with a single external capacitor. Enormous flexibility is provided through the choice of driver amplifier, current limit, supply voltage, voltage gain, and compensation.



FEATURES

• WIDE SUPPLY RANGE — ±15V to ±150V

• HIGH OUTPUT CURRENT —  1.5A Continuous (PB51), 2.0A Continuous (PB51A)

• VOLTAGE AND CURRENT GAIN

• HIGH SLEW —  50V/µs Minimum (PB51)   75V/µs Minimum (PB51A)

• PROGRAMMABLE OUTPUT CURRENT LIMIT

• HIGH POWER BANDWIDTH — 320 kHz Minimum

• LOW QUIESCENT CURRENT — 12mA Typical

• EVALUATION KIT — EK29



APPLICATIONS

• HIGH VOLTAGE INSTRUMENTATION

• ELECTROSTATIC TRANSDUCERS & DEFLECTION

• PROGRAMMABLE POWER SUPPLIES UP TO 280V P-P




Similar Part No. - PB51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
Power Booster Amplifier
logo
Sensitron
PB5114 SENSITRON-PB5114 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
logo
Tyco Electronics
PB514012 MACOM-PB514012 Datasheet
236Kb / 3P
Miniature Power PCB Relay
PB514012 MACOM-PB514012 Datasheet
419Kb / 2P
General Purpose Relays PCB Relays
04-2011, Rev. 0411
PB514024 MACOM-PB514024 Datasheet
236Kb / 3P
Miniature Power PCB Relay
More results


Similar Description - PB51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com