Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB51 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PB51
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PB51 Datasheet(HTML) 1 Page - Cirrus Logic

  PB51 Datasheet HTML 1Page - Cirrus Logic PB51 Datasheet HTML 2Page - Cirrus Logic PB51 Datasheet HTML 3Page - Cirrus Logic PB51 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• WIDE SUPPLY RANGE — ±15V to ±150V
• HIGH OUTPUT CURRENT —
1.5A Continuous (PB51), 2.0A Continuous (PB51A)
• VOLTAGE AND CURRENT GAIN
• HIGH SLEW —
50V/µs Minimum (PB51)
75V/µs Minimum (PB51A)
• PROGRAMMABLE OUTPUT CURRENT LIMIT
• HIGH POWER BANDWIDTH — 320 kHz Minimum
• LOW QUIESCENT CURRENT — 12mA Typical
• EVALUATION KIT — EK29
APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
• PROGRAMMABLE POWER SUPPLIES UP TO 280V P-P
DESCRIPTION
The PB51 is a high voltage, high current amplifier designed
to provide voltage and current gain for a small signal, general
purpose op amp. Including the power booster within the feed-
back loop of the driver amplifier results in a composite amplifier
with the accuracy of the driver and the extended output voltage
range and current capability of the booster. The PB51 can also
be used without a driver in some applications, requiring only
an external current limit resistor to function properly.
The output stage utilizes complementary MOSFETs, pro-
viding symmetrical output impedance and eliminating second
breakdown limitations imposed by Bipolar Transistors. Internal
feedback and gainset resistors are provided for a pin-strapable
gain of 3. Additional gain can be achieved with a single external
resistor. Compensation is not required for most driver/gain
configurations, but can be accomplished with a single external
capacitor. Enormous flexibility is provided through the choice
of driver amplifier, current limit, supply voltage, voltage gain,
and compensation.
This hybrid circuit utilizes a beryllia (BeO) substrate, thick
film resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 12-pin Power
SIP package is electrically isolated.
TYPICAL APPLICATION
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
��������������������������������������������������������������
� � � � � � � � � � � � � � �
���������������������������
������������
��
���
����
�
�
�
�
�
��
�
�
����
����
��
���
���
���
�
��
���
�
�
�
�
�
�
��
��
��
�
�
��
��
��
�
��
�
��
�
�
�
�
��
���
��
���
����
��
���
��
����
����
���
���
���
�
�
�
�
�
�
�
�
�
��
��
���
��
��
��
��
�
�
�
�
�
��
��
��
���
��
�
��
�
12-PIN SIP
PACKAGE STYLE DP
Formed leads available. See package styles ED & EE


Similar Part No. - PB51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
Power Booster Amplifier
logo
Sensitron
PB5114 SENSITRON-PB5114 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
logo
Tyco Electronics
PB514012 MACOM-PB514012 Datasheet
236Kb / 3P
Miniature Power PCB Relay
PB514012 MACOM-PB514012 Datasheet
419Kb / 2P
General Purpose Relays PCB Relays
04-2011, Rev. 0411
PB514024 MACOM-PB514024 Datasheet
236Kb / 3P
Miniature Power PCB Relay
More results

Similar Description - PB51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com