Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB58 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PB58
Description  POWER BOOSTER AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PB58 Datasheet(HTML) 1 Page - Cirrus Logic

  PB58 Datasheet HTML 1Page - Cirrus Logic PB58 Datasheet HTML 2Page - Cirrus Logic PB58 Datasheet HTML 3Page - Cirrus Logic PB58 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• WIDE SUPPLY RANGE — ±15V to ±150V
• HIGH OUTPUT CURRENT —
1.5A Continuous (PB58)
2.0A Continuous (PB58A)
• VOLTAGE AND CURRENT GAIN
• HIGH SLEW — 50V/µs Minimum (PB58)
75V/µs Minimum (PB58A)
• PROGRAMMABLE OUTPUT CURRENT LIMIT
• HIGH POWER BANDWIDTH — 320 kHz Minimum
• LOW QUIESCENT CURRENT — 12mA Typical
• EVALUATION KIT — See EK50
APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• Electrostatic TRANSDUCERS & DEFLECTION
• Programmable Power Supplies Up to 280V p-p
DESCRIPTION
The PB58 is a high voltage, high current amplifier designed
to provide voltage and current gain for a small signal, general
purpose op amp. Including the power booster within the feed-
back loop of the driver amplifier results in a composite amplifier
with the accuracy of the driver and the extended output voltage
range and current capability of the booster. The PB58 can also
be used without a driver in some applications, requiring only
an external current limit resistor to function properly.
The output stage utilizes complementary MOSFETs, pro-
viding symmetrical output impedance and eliminating second
breakdown limitations imposed by Bipolar Transistors. Internal
feedback and gainset resistors are provided for a pin-strapable
gain of 3. Additional gain can be achieved with a single external
resistor. Compensation is not required for most driver/gain
configurations, but can be accomplished with a single external
capacitor. Enormous flexibility is provided through the choice
of driver amplifier, current limit, supply voltage, voltage gain,
and compensation.
This hybrid circuit utilizes a beryllia (BeO) substrate, thick
film resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is electrically isolated and hermetically sealed using
one-shot resistance welding. The use of compressible isolation
washers voids the warranty.
TYPICAL APPLICATION
Figure 1. Inverting
composite amplifier.
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
��������������������������������������������������������������
� � � � � � � � � � � � � � �
������������������������
������������
�
�
�
�
�
�
�
�
��
����
���
����
��
��
��
��
��
��
��
��
���
��
���
���
��
���
���
����
���
����
�
�
�
�
�
�
�
�
��������
��
��
�
��
���
��
�
����
�
�
����
�
�
���
�
��
��
���
����
�
�
�
�
�
��
�
�
����
����
��
���
���
���
�
��
���
�
�
�
�
�
�
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PB58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Lumileds Lighting Compa...
PB58 LUMILEDS-PB58 Datasheet
1Mb / 2P
Styling solution for front turn and side marker applications
logo
PACELEADER INDUSTRIAL
PB5817W PACELEADER-PB5817W Datasheet
547Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PB5818W PACELEADER-PB5818W Datasheet
547Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - PB58

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1438R MOTOROLA-MC1438R Datasheet
377Kb / 6P
OPERATIONAL AMPLIFIERS POWER BOOSTER
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
246Kb / 4P
POWER BOOSTER AMPLIFIER
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
PB50 APEX-PB50_06 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
PB50 CIRRUS-PB50 Datasheet
202Kb / 5P
Power Booster Amplifier
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
Power Booster Amplifier
PB58 CIRRUS-PB58 Datasheet
210Kb / 5P
Power Booster Amplifier
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
Current Booster
logo
Billiton Ltd.
TP83 ASIC-TP83 Datasheet
173Kb / 10P
Booster series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com