Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9317S Datasheet (PDF) - Summit Microelectronics, Inc.

SMP9317S Datasheet PDF - Summit Microelectronics, Inc.
Part # SMP9317S
Download  SMP9317S Download
File Size   38.41 Kbytes
Page   6 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface

SMP9317S Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP9317S Datasheet PDF - Summit Microelectronics, Inc.

Part # SMP9317S
Download  SMP9317S Click to download

File Size   38.41 Kbytes
Page   6 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface

SMP9317S Datasheet (HTML) - Summit Microelectronics, Inc.


SMP9317S Product details

OVERVIEW
The SMP9317 DACPOT™ trimmer is a 7-bit nonvolatile DAC designed to replace mechanical potentiometers. The SMP9317 includes a unity-gain amplifier to buffer the DAC output and enables VOUT to swing from rail to rail. The DACPOT trimmer operates over a supply voltage range of 2.7V to 5.5V.

FEATURES
• Digitally Controlled Electronic Potentiometer
• 7-Bit Digital-to-Analog Converter (DAC)
    – Independent Reference Inputs
    – Differential Non-Linearity - +0.5LSB
    – Integral Non-Linearity - +1LSB
• VOUT Value in EEPROM for Power-On Recall
    – Equivalent to 128-Step Potentiometer
• Unity Gain Op Amp Drives ±100µA
• Simple Trimming Adjustment
    – Up/Down Counter Style Operation
• Low Noise Operation
• “Clickless” Transitions between DAC Steps
• No Mechanical Wearout Problem
    – 1,000,000 Stores (typical)
    – 100 Year Data Retention
• Operation from +2.7V to +5.5V Supply
• Ultra-Low Power, 0.5mW max at +5V




Similar Part No. - SMP9317S

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP900G-JP SEME-LAB-SMP900G-JP Datasheet
54Kb / 2P
P.I.N. PHOTODIODE
SMP900G-JQ SEME-LAB-SMP900G-JQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KP SEME-LAB-SMP900G-KP Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KQ SEME-LAB-SMP900G-KQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
logo
Summit Microelectronics...
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
Dual 10-bit Nonvolatile DAC
More results


Similar Description - SMP9317S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Summit Microelectronics...
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
Quad 10-Bit Nonvolatile DACPOT
logo
Summit Microelectronics...
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7130 WINBOND-WMS7130 Datasheet
382Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7170 WINBOND-WMS7170_05 Datasheet
382Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
Up/Down Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com