Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2525N033 Datasheet (PDF) - ATMEL Corporation

T2525N033 Datasheet PDF - ATMEL Corporation
Part # T2525N033
Download  T2525N033 Download
File Size   219.68 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description IR RECEIVER ASSP

T2525N033 Datasheet (PDF)

Go To PDF Page Download Datasheet
T2525N033 Datasheet PDF - ATMEL Corporation

Part # T2525N033
Download  T2525N033 Click to download

File Size   219.68 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description IR RECEIVER ASSP

T2525N033 Datasheet (HTML) - ATMEL Corporation


T2525N033 Product details

Description

The IC T2525 is a complete IR receiver for data communication developed and optimized for use in carrier-frequency-modulated transmission applications. Its function can be described using the block diagram (see Figure 1). The input stage meets two main functions. First, it provides a suitable bias voltage for the PIN diode. Secondly, the pulsed photo-current signals are transformed into a voltage by a special circuit which is optimized for low-noise applications.



Features

• No External Components Except PIN Diode

• Supply-voltage Range: 4.5 V to 5.5 V

• Automatic Sensitivity Adaptation (AGC)

• Automatic Strong Signal Adaptation (ATC)

• Enhanced Immunity Against Ambient Light Disturbances

• Available for Carrier Frequencies between 30 kHz to 76 kHz; Adjusted by Zener Diode Fusing

• TTL and CMOS Compatible

• Suitable Minimum Burst Length ≥ 6 or 10 Pulses/Burst



Applications

• Audio Video Applications

• Home Appliances

• Remote Control Equipment



 




Similar Part No. - T2525N033

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
231Kb / 12P
IR Receiver ASSP
T2525S0xxC-DDW ATMEL-T2525S0xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
T2525S1xxC-DDW ATMEL-T2525S1xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
T2525S2xxC-DDW ATMEL-T2525S2xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
More results


Similar Description - T2525N033

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
Low-voltage IR Receiver ASSP
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com