Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F0308-DISCO Datasheet (PDF) - STMicroelectronics

STM32F0308-DISCO Datasheet PDF - STMicroelectronics
Part # STM32F0308-DISCO
Download  STM32F0308-DISCO Download
File Size   295.07 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Discovery kit for STM32F030 Value Line

STM32F0308-DISCO Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F0308-DISCO Datasheet PDF - STMicroelectronics

Part # STM32F0308-DISCO
Download  STM32F0308-DISCO Click to download

File Size   295.07 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Discovery kit for STM32F030 Value Line

STM32F0308-DISCO Datasheet (HTML) - STMicroelectronics


STM32F0308-DISCO Product details

Description
The 32F0308DISCOVERY helps you to discover the STM32 F030 Value Line Cortex®-M0 features and to develop your applications easily. It includes everything required for beginners and experienced users to get started quickly. Based on the STM32F030R8T6, an STM32 F0 series 32-bit ARM® Cortex® microcontroller, it includes an ST-LINK/V2 embedded debug tool, LEDs, push-buttons and a prototyping board for easy connection of additional components and modules.

Features
■ STM32F030R8T6 microcontroller featuring 64 KB of Flash memory, 8 KB of RAM in an LQFP64 package
■ On-board ST-LINK/V2 with selection mode switch to use the kit as a standalone ST-LINK/V2 (with SWD connector for programming and debugging)
■ Board power supply: through USB bus or from an external 5 V supply voltage
■ External application power supply: 3 V and 5 V
■ Four LEDs: – LD1 (red) for 3.3 V power-on – LD2 (red/green) for USB communication – LD3 (green) for PC9 output – LD4 (blue) for PC8 output
■ Two push-buttons (user and reset)
■ Extension header for all LQFP64 I/Os for quick connection to prototyping board and easy probing
■ An additional board is provided which can be connected to the extension connector for even easier prototyping and probing
■ Comprehensive free software including a variety of examples, part of STM32CubeF0




Similar Part No. - STM32F0308-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 88P
Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
04-Jul-2013
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
STM32F030C6T6TR STMICROELECTRONICS-STM32F030C6T6TR Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
STM32F030C8 STMICROELECTRONICS-STM32F030C8 Datasheet
1Mb / 88P
Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
04-Jul-2013
STM32F030C8 STMICROELECTRONICS-STM32F030C8 Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
More results


Similar Description - STM32F0308-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32VLDISCOVERY STMICROELECTRONICS-STM32VLDISCOVERY Datasheet
117Kb / 3P
STM32 value line Discovery
09-Sep-2010
STM8SVLDISCOVERY STMICROELECTRONICS-STM8SVLDISCOVERY Datasheet
124Kb / 4P
STM8S Value line Discovery
07-Nov-2011
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
29-Sep-2014
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
15-Nov-2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
19-Mar-2020
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com