Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F0308-DISCO Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F0308-DISCO
Description  Discovery kit for STM32F030 Value Line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0308-DISCO Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F0308-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F0308-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F0308-DISCO Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
September 2014
DocID025096 Rev 2
1/3
32F0308DISCOVERY
Discovery kit for STM32F030 Value Line
Data brief
Features
• STM32F030R8T6 microcontroller featuring
64 KB of Flash memory, 8 KB of RAM in an
LQFP64 package
• On-board ST-LINK/V2 with selection mode
switch to use the kit as a standalone
ST-LINK/V2 (with SWD connector for
programming and debugging)
• Board power supply: through USB bus or from
an external 5 V supply voltage
• External application power supply: 3 V and 5 V
• Four LEDs:
– LD1 (red) for 3.3 V power-on
– LD2 (red/green) for USB communication
– LD3 (green) for PC9 output
– LD4 (blue) for PC8 output
• Two push-buttons (user and reset)
• Extension header for all LQFP64 I/Os for quick
connection to prototyping board and easy
probing
• An additional board is provided which can be
connected to the extension connector for even
easier prototyping and probing
• Comprehensive free software including a
variety of examples, part of STM32CubeF0
package or STSW-STM32140 for legacy
Standard Libraries usage
Description
The 32F0308DISCOVERY helps you to discover
the STM32 F030 Value Line Cortex®-M0 features
and to develop your applications easily. It includes
everything required for beginners and
experienced users to get started quickly.
Based on the STM32F030R8T6, an STM32 F0
series 32-bit ARM® Cortex® microcontroller, it
includes an ST-LINK/V2 embedded debug tool,
LEDs, push-buttons and a prototyping board for
easy connection of additional components and
modules.
www.st.com


Similar Part No. - STM32F0308-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 88P
Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
04-Jul-2013
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
STM32F030C6T6TR STMICROELECTRONICS-STM32F030C6T6TR Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
STM32F030C8 STMICROELECTRONICS-STM32F030C8 Datasheet
1Mb / 88P
Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
04-Jul-2013
STM32F030C8 STMICROELECTRONICS-STM32F030C8 Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
More results

Similar Description - STM32F0308-DISCO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32VLDISCOVERY STMICROELECTRONICS-STM32VLDISCOVERY Datasheet
117Kb / 3P
STM32 value line Discovery
09-Sep-2010
STM8SVLDISCOVERY STMICROELECTRONICS-STM8SVLDISCOVERY Datasheet
124Kb / 4P
STM8S Value line Discovery
07-Nov-2011
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
29-Sep-2014
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
15-Nov-2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
32F072BDISCOVERY STMICROELECTRONICS-32F072BDISCOVERY Datasheet
233Kb / 5P
Discovery kit for STM32F072xx microcontrollers
19-Mar-2020
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com