Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64CAL176 Datasheet (PDF) - STMicroelectronics

SPC563M64CAL176 Datasheet PDF - STMicroelectronics
Part # SPC563M64CAL176
Download  SPC563M64CAL176 Download
File Size   66.54 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPC563M64CALxx microcontroller family calibration and emulation system

SPC563M64CAL176 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC563M64CAL176 Datasheet PDF - STMicroelectronics

Part # SPC563M64CAL176
Download  SPC563M64CAL176 Click to download

File Size   66.54 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPC563M64CALxx microcontroller family calibration and emulation system

SPC563M64CAL176 Datasheet (HTML) - STMicroelectronics


SPC563M64CAL176 Product details

Description
The SPC563M64CALxx is a calibration and emulation system supporting the STMicroelectronics® SPC563Mxx family of automotive microprocessors. The Calibration Adapter is designed to substitute the QFP device on an ECU version during engine calibration. The complete system consists of a SPC563M64CAL144/176 board and a POLYPOD-TQ144/176 Poly-Pod which plugs directly into the motherboard. The Calibration Adapter can also be used as emulation board as the Nexus trace port on CSP496 allows using the pins for application purpose.

Features
■ Support for LQFP144 and LQFP176 MCU production packages allowing calibration systems to be built without requiring modifications to the standard production system housing
■ 2MByte static RAM organized as 1024K words by 16 bits
■ On-board latch providing a 16-bit de- multiplexed bus interface from the SPC563M64 16-bit multiplexed calibration interface;
■ Support for Nexus-based debug tools even if application PCB does not include Nexus connector
■ Nexus functionality with 12 Message Data Out (MDO) signals
■ Support for full-feature calibration tools via availability of comprehensive set of device signals available on the connectors.
■ ERNI 154819 connector optimized for calibration
■ High speed CAN transceiver with signals protection
■ Specifications: – Board Size 36 x 61.8 mm – Target connector compatible with TQPACK144SD and TQPACK176SD sockets




Similar Part No. - SPC563M64CAL176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC563M64L5 STMICROELECTRONICS-SPC563M64L5 Datasheet
421Kb / 48P
Calibration external bus interface
17-Sep-2013
SPC563M64L5 STMICROELECTRONICS-SPC563M64L5 Datasheet
2Mb / 128P
32-bit Power Architecture based MCU for automotive powertrain applications
30-Mar-2016
SPC563M64L7 STMICROELECTRONICS-SPC563M64L7 Datasheet
421Kb / 48P
Calibration external bus interface
17-Sep-2013
More results


Similar Description - SPC563M64CAL176

ManufacturerPart #DatasheetDescription
logo
Winbond
W78958B WINBOND-W78958B Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
logo
STMicroelectronics
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC564A70CAL176 STMICROELECTRONICS-SPC564A70CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
SPC564A80CAL176 STMICROELECTRONICS-SPC564A80CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
logo
New Jersey Semi-Conduct...
U401 NJSEMI-U401 Datasheet
96Kb / 2P
Minimum System Error and Calibration
logo
STMicroelectronics
RM0312 STMICROELECTRONICS-RM0312 Datasheet
3Mb / 275P
STM8TL5xxx microcontroller family
08-Oct-2013
logo
Keysight Technologies
5992-1606 KEYSIGHT-5992-1606 Datasheet
3Mb / 10P
Propsim Channel Emulation Aerospace, Satellite and Airborne Radio System Testing
logo
Ralston Instruments.
QTHA-BLB0-1F-1F RALSTON-QTHA-BLB0-1F-1F_19 Datasheet
302Kb / 1P
Keep a calibration system pressurized
QTHA-BLB0-2F-2F RALSTON-QTHA-BLB0-2F-2F_19 Datasheet
300Kb / 1P
Keep a calibration system pressurized
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com