Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64CAL176 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC563M64CAL176
Description  SPC563M64CALxx microcontroller family calibration and emulation system
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64CAL176 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC563M64CAL176 Datasheet HTML 1Page - STMicroelectronics SPC563M64CAL176 Datasheet HTML 2Page - STMicroelectronics SPC563M64CAL176 Datasheet HTML 3Page - STMicroelectronics SPC563M64CAL176 Datasheet HTML 4Page - STMicroelectronics SPC563M64CAL176 Datasheet HTML 5Page - STMicroelectronics SPC563M64CAL176 Datasheet HTML 6Page - STMicroelectronics SPC563M64CAL176 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
September 2012
Doc ID 023551 Rev 2
1/7
1
SPC563M64CAL144/176
SPC563M64CALxx microcontroller family calibration and emulation
system
Data brief
Features
■
Support for LQFP144 and LQFP176 MCU
production packages allowing calibration
systems to be built without requiring
modifications to the standard production
system housing
■
2MByte static RAM organized as 1024K words
by 16 bits
■
On-board latch providing a 16-bit de-
multiplexed bus interface from the
SPC563M64 16-bit multiplexed calibration
interface;
■
Support for Nexus-based debug tools even if
application PCB does not include Nexus
connector
■
Nexus functionality with 12 Message Data Out
(MDO) signals
■
Support for full-feature calibration tools via
availability of comprehensive set of device
signals available on the connectors.
■
ERNI 154819 connector optimized for
calibration
■
High speed CAN transceiver with signals
protection
■
Specifications:
–
Board Size 36 x 61.8 mm
–
Target connector compatible with
TQPACK144SD and TQPACK176SD
sockets
Description
The SPC563M64CALxx is a calibration and
emulation system supporting the
STMicroelectronics® SPC563Mxx family of
automotive microprocessors.
The Calibration Adapter is designed to substitute
the QFP device on an ECU version during engine
calibration.
The complete system consists of a
SPC563M64CAL144/176 board and a
POLYPOD-TQ144/176 Poly-Pod which plugs
directly into the motherboard.
The Calibration Adapter can also be used as
emulation board as the Nexus trace port on
CSP496 allows using the pins for application
purpose.
www.st.com


Similar Part No. - SPC563M64CAL176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC563M64L5 STMICROELECTRONICS-SPC563M64L5 Datasheet
421Kb / 48P
Calibration external bus interface
17-Sep-2013
SPC563M64L5 STMICROELECTRONICS-SPC563M64L5 Datasheet
2Mb / 128P
32-bit Power Architecture based MCU for automotive powertrain applications
30-Mar-2016
SPC563M64L7 STMICROELECTRONICS-SPC563M64L7 Datasheet
421Kb / 48P
Calibration external bus interface
17-Sep-2013
More results

Similar Description - SPC563M64CAL176

ManufacturerPart #DatasheetDescription
logo
Winbond
W78958B WINBOND-W78958B Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
logo
STMicroelectronics
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC564A70CAL176 STMICROELECTRONICS-SPC564A70CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
SPC564A80CAL176 STMICROELECTRONICS-SPC564A80CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
logo
New Jersey Semi-Conduct...
U401 NJSEMI-U401 Datasheet
96Kb / 2P
Minimum System Error and Calibration
logo
STMicroelectronics
RM0312 STMICROELECTRONICS-RM0312 Datasheet
3Mb / 275P
STM8TL5xxx microcontroller family
08-Oct-2013
logo
Keysight Technologies
5992-1606 KEYSIGHT-5992-1606 Datasheet
3Mb / 10P
Propsim Channel Emulation Aerospace, Satellite and Airborne Radio System Testing
logo
Ralston Instruments.
QTHA-BLB0-1F-1F RALSTON-QTHA-BLB0-1F-1F_19 Datasheet
302Kb / 1P
Keep a calibration system pressurized
QTHA-BLB0-2F-2F RALSTON-QTHA-BLB0-2F-2F_19 Datasheet
300Kb / 1P
Keep a calibration system pressurized
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com