Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CBP002V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CBP002V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CBP002V1
Download  STEVAL-CBP002V1 Download
File Size   137.96 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Buzzer on the board for mute feature demonstration

STEVAL-CBP002V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CBP002V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CBP002V1
Download  STEVAL-CBP002V1 Click to download

File Size   137.96 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Buzzer on the board for mute feature demonstration

STEVAL-CBP002V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CBP002V1 Product details

Description
This is a demonstration board based on the STFPC320 which consists of the front panel controller STFPC320 and microcontroller ST72F325 as I2C master. The basic idea is to develop a front panel for a DVD recorder which is very close to the available solutions in the market. The objective of this demonstration board is to display the capabilities of ST's front panel controller/driver STFPC320 to fit the market segment for front panels of DVD players, DVD recorders, VCRs, home theater systems with clock feature, HTiB (home theater in a box), personal video recorders (PVRs), set-top boxes and other applications that require a compact, integrated solution, while keeping system cost as low as possible. The design focus of this system is on 2 key areas: a standby management feature for low power consumption and an embedded realtime clock in the STFPC320 for auto wake-up and setting the recording start and end time. STEVAL-CBP002V1

Features
■ 16-segment, 11-digit customized VFD for DVD recorder
■ 14 front panel keys
■ 4 LEDs (red for standby, yellow for schedule, blue for IR and green for mute)
■ 1 IR sensor for remote control operation
■ Buzzer on the board for mute feature demonstration
■ RTC (real-time clock) to set the timer and alarm for wakeup
■ On-board I2C EEPROM for time logging for automatic operations
■ Power supply connector for four power supplies (3.3 V, 12 V, -30 V and GND)
■ Standby management for low power operation
■ Auto wakeup feature from system standby
■ Embedded in-circuit programming capability




Similar Part No. - STEVAL-CBP002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBP001V2 STMICROELECTRONICS-STEVAL-CBP001V2 Datasheet
103Kb / 4P
1 infrared connector for remote control
19-Oct-2007
STEVAL-CBP003V1 STMICROELECTRONICS-STEVAL-CBP003V1 Datasheet
149Kb / 4P
8-segment, 6-digit customized LED display
10-Mar-2008
STEVAL-CBP004V1 STMICROELECTRONICS-STEVAL-CBP004V1 Datasheet
158Kb / 4P
1 IR sensor for remote control operation
02-Sep-2008
STEVAL-CBP005V1 STMICROELECTRONICS-STEVAL-CBP005V1 Datasheet
125Kb / 4P
1 reset button on rear
24-Jun-2008
STEVAL-CBP006V1 STMICROELECTRONICS-STEVAL-CBP006V1 Datasheet
150Kb / 4P
UniPower front panel and standby power management controller for STB, TV sets and other consumer devices
16-Jun-2010
More results


Similar Description - STEVAL-CBP002V1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
Demonstration Board for the TMC2193
TMC2069P7C FAIRCHILD-TMC2069P7C Datasheet
87Kb / 12P
Demonstration Board for the TMC3003 DAC
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com