Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CBP006V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CBP006V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CBP006V1
Download  STEVAL-CBP006V1 Download
File Size   150.3 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description UniPower front panel and standby power management controller for STB, TV sets and other consumer devices

STEVAL-CBP006V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CBP006V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CBP006V1
Download  STEVAL-CBP006V1 Click to download

File Size   150.3 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description UniPower front panel and standby power management controller for STB, TV sets and other consumer devices

STEVAL-CBP006V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CBP006V1 Product details

Description
The STEVAL-CBP006V1 UniPower demonstration board is designed to provide a ready-to-use platform for power supply management and user-interface control developed around the STM8S MCU. The board can manage various wakeup sources, and perform power supply switching of the rest of the application during standby. The board also features an ST capacitive touch-sensing software library capable of turning any 8-bit STM8 microcontroller into a capacitive touch-sensing controller.

Features
■ Includes the STM8S105xx MCU with 32 Kbytes of Flash memory packaged in an LQFP48
■ Alternative footprint for MCU in VFQFN32 package (within LQFP48 footprint)
■ PMOS controlled switch up to 5 A
■ 6 mechanical switches, 4 touch-sensing buttons, 1 slider
■ 4-digit, 7-segment display and 6 controllable LEDs
■ Photo-resistor for automatic display dimming
■ 36 kHz-carrier infrared receiver for board remote control
■ All MCU I/Os available on a header connector for implementation of additional functions
■ SWIM interface for firmware programming and debugging
■ Dedicated connector for interfacing with host, with signals including I2C, interrupt and reset outputs, and wakeup
■ RoHS compliant




Similar Part No. - STEVAL-CBP006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBP001V2 STMICROELECTRONICS-STEVAL-CBP001V2 Datasheet
103Kb / 4P
1 infrared connector for remote control
19-Oct-2007
STEVAL-CBP002V1 STMICROELECTRONICS-STEVAL-CBP002V1 Datasheet
137Kb / 5P
Buzzer on the board for mute feature demonstration
21-Aug-2008
STEVAL-CBP003V1 STMICROELECTRONICS-STEVAL-CBP003V1 Datasheet
149Kb / 4P
8-segment, 6-digit customized LED display
10-Mar-2008
STEVAL-CBP004V1 STMICROELECTRONICS-STEVAL-CBP004V1 Datasheet
158Kb / 4P
1 IR sensor for remote control operation
02-Sep-2008
STEVAL-CBP005V1 STMICROELECTRONICS-STEVAL-CBP005V1 Datasheet
125Kb / 4P
1 reset button on rear
24-Jun-2008
More results


Similar Description - STEVAL-CBP006V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
Controller for power supply and battery management
2003 Oct 31
logo
STMicroelectronics
STV6435 STMICROELECTRONICS-STV6435 Datasheet
337Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6436 STMICROELECTRONICS-STV6436 Datasheet
263Kb / 17P
Filtered Video Buffers for STB and DVD Devices
21-Jun-2002
STV6433 STMICROELECTRONICS-STV6433 Datasheet
67Kb / 10P
Filtered Video Buffers for STB and DVD Devices
Sep-2003
STFPC311 STMICROELECTRONICS-STFPC311 Datasheet
559Kb / 39P
Front panel controller/driver with standby power management
09-May-2006
STFPC320 STMICROELECTRONICS-STFPC320 Datasheet
932Kb / 78P
Front panel controller/driver with standby power management and real-time clock
07-Jul-2008
STIH223 STMICROELECTRONICS-STIH223 Datasheet
85Kb / 4P
HD cable STB processor with integrated demodulator and low power standby controller
14-Mar-2012
STIH237 STMICROELECTRONICS-STIH237 Datasheet
89Kb / 4P
HD satellite STB processor with integrated demodulator and low power standby controller
28-Feb-2012
STIH239 STMICROELECTRONICS-STIH239 Datasheet
89Kb / 4P
Dual HD satellite STB processor with integrated demodulators and low power standby controller
28-Feb-2012
STIH273 STMICROELECTRONICS-STIH273 Datasheet
80Kb / 4P
HD cable/terrestrial STB processor with integrated demodulators and low power standby controller
17-Jul-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com